Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2118TP Datasheet(PDF) 6 Page - Analog Devices

Part # SSM2118TP
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2118TP Datasheet(HTML) 6 Page - Analog Devices

Back Button SSM2118TP Datasheet HTML 2Page - Analog Devices SSM2118TP Datasheet HTML 3Page - Analog Devices SSM2118TP Datasheet HTML 4Page - Analog Devices SSM2118TP Datasheet HTML 5Page - Analog Devices SSM2118TP Datasheet HTML 6Page - Analog Devices SSM2118TP Datasheet HTML 7Page - Analog Devices SSM2118TP Datasheet HTML 8Page - Analog Devices SSM2118TP Datasheet HTML 9Page - Analog Devices SSM2118TP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. A
–6–
SSM2018T/SSM2118T–Typical Characteristics
60
40
–80
100
1k
10M
1M
100k
10k
20
0
–20
–40
–60
FREQUENCY – Hz
TA = +25°C
VS = ±15V
Figure 13. SSM2018T Gain vs. Frequency
0.1
0.010
0.001
20
100
1k
10k
20k
FREQUENCY – Hz
TA = +25°C
RF = 18kΩ
AV = 0dB
AV = +20dB
AV = –20dB
Figure 14. SSM2118T THD + N Frequency (80 kHz
Low-Pass Filter, for AV = 0 dB, VIN = 1 V rms;
for AV = +20 dB, VIN = 0.1 V rms; for AV = –20 dB,
VIN = 10 V rms)
100
0
0.025
30
10
20
0.000
60
40
50
70
80
90
0.020
0.015
0.010
0.005
DISTORTION – %
TA = +25°C
AV = 0dB
300 UNITS
VIN = 10dBu
VS = ±15V
Figure 15. SSM2118T Distortion Distribution
AMPLITUDE – VRMS
TA = +25°C
VS = ±15V
0.1
1
10
20
1
0.1
0.010
0.001
Figure 16. SSM2118T THD + N vs. Amplitude
(Gain = 0 dB, fIN = 1 kHz, 80 kHz Low-Pass Filter)
AMPLITUDE – VRMS
TA = +25°C
VS = ±15V
10m
0.1
1
2
1
0.1
0.010
0.001
Figure 17. SSM2118T THD + N vs. Amplitude
(Gain = +20 dB, fIN = 1 kHz, 80 kHz Low-Pass Filter)
1.0
0.001
–60
–40
–20
0
+20
+40
0.1
0.01
GAIN – dB
TA = +25°C
VS = ±15V
Figure 18. SSM2118T THD + N vs. Gain (fIN = 1 kHz;
for –60 dB
≤ A
V ≤ –20 dB, VIN = 10 V rms;
for 0 dB
≤ A
V ≤ +20 dB, VIN = 1 V rms)
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com