Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2118TP Datasheet(PDF) 12 Page - Analog Devices

Part # SSM2118TP
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2118TP Datasheet(HTML) 12 Page - Analog Devices

Back Button SSM2118TP Datasheet HTML 8Page - Analog Devices SSM2118TP Datasheet HTML 9Page - Analog Devices SSM2118TP Datasheet HTML 10Page - Analog Devices SSM2118TP Datasheet HTML 11Page - Analog Devices SSM2118TP Datasheet HTML 12Page - Analog Devices SSM2118TP Datasheet HTML 13Page - Analog Devices SSM2118TP Datasheet HTML 14Page - Analog Devices SSM2118TP Datasheet HTML 15Page - Analog Devices SSM2118TP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. A
–12–
SSM2018T/SSM2118T
A2
A4
Q3
Q4
Q1
Q2
200
1–G
G
G
1–G
200
1.8k
GAIN
CORE
14
8
5
16
COMP 2
COMP 1
9
VREF
Im
SPLITTER
+IG
3
1
15
4
2
11
13
12
BAL
–I1–G
V1–G
VC
GND
MODE
–IG
COMP 3
7
6
10
V–
+IN
–IN
+I1–G
V+
COMPENSATION
NETWORK
Im–(Is)
2
Im+(Is)
2
A4
–0.1 V to +6.0 V. The negative compliance is much smaller be-
cause the gain core transistors (Q1 and Q3) begin to saturate
when the collector potential is brought below their base poten-
tial. These outputs have high immunity to capacitive loads. In
fact, the load on either or both outputs can be as large as 10 nF
with no change in the distortion performance. For values above
10 nF, the distortion does start to increase. For example, a
100 nF load causes the distortion to increase from 0.006% to
0.02% at 1 kHz.
The noise performance of a single SSM2118T with an OP275
output amplifier is shown in Figure 20. When multiple
SSM2118T parts are operated in parallel, the noise does in-
crease by a factor equal to the square root of the number of
parts paralleled. For example, if five parts are in parallel, the
total output noise is 100 nV
√(Hz) × √5 = 220 nV/√Hz.
Compensating the SSM2018T and SSM2118T
Both parts employ the same compensation network. This net-
work uses an adaptive compensation scheme that adjusts the op-
timum compensation level for a given gain. The control voltage
not only adjusts the gain core steering, it also adjusts the com-
pensation. The SSM2018T and SSM2118T have three com-
pensation pins: COMP1, COMP2, and COMP3. COMP3 is
normally left open. Grounding this pin actually defeats the
adaptive compensation circuitry, giving the VCA a fixed com-
pensation point. The only time that this is desirable is when the
VCA has fixed feedback, such as the Voltage Controlled Panner
(VCP) circuit shown later in the data sheet. Thus, for the Basic
VCA circuit or the OVCE circuit, COMP3 should be left open.
A compensation capacitor does need to be added between
COMP1 and COMP2. Because the VCA operates over such a
wide gain range, ideally the compensation should be optimized
for each gain. When the VCA is in high attenuation, there is
very little “loop gain,” and the part needs to have high compen-
sation. On the other hand, at high gain, the same compensation
capacitor would overcompensate the part and roll off the high
frequency performance. Thus, the SSM2018T and SSM2118T
employ a patented adaptive compensation circuit. The compen-
sation capacitor is “Miller” connected between the base and col-
lector of an internal transistor. By changing the gain of this
transistor via the control voltage, the compensation is changed.
Increasing the compensation capacitor causes the frequency re-
sponse and slew rate to decrease, which will tend to cause high
frequency distortion to increase. For the basic VCA circuit,
47 pF was chosen as the optimal value. The OVCE circuit de-
scribed later uses a 220 pF capacitor. The reason for the in-
crease is to compensate for the extra phase shift from the
additional output amplifier used in the OVCE configuration.
The compensation capacitor can be adjusted over a practical
range from 47 pF to 220 pF, if desired. Below 47 pF, the parts
may oscillate, and above 220 pF the frequency response is sig-
nificantly degraded.
Control Section
As mentioned before, the control voltage on Pin 11 steers the
current through the gain core transistors to set the gain. The
output gain formula is as follows:
V
OUT = V IN × e
(–aV
C )
The exponential term arises from the standard Ebers-Moll
equation describing the relationship of a transistor’s collector
current as a function of the base-emitter voltage:
I
C = IS × e
(V
BE /V T )
.
The factor “a” is a function of not only VT but also the scaling
due to the resistor divider of the 200
Ω and 1.8 kΩ resistors
shown in Figures 38 and 40. The resulting expression for “a” is
as follows: a = 1/(10
× V
T) which is approximately equal to four
at room temperature. Substituting a = 4 in the above equation
results in a –28.8 mV/dB control law at room temperature.
The –28.8 mV/dB number is slightly different from the data
sheet specification of –30 mV/dB. The difference arises from
the temperature dependency of the control law. The term VT
is known as the thermal voltage, and it has a direct dependency
Figure 40. SSM2118T Detailed Functional Diagram
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com