Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2118TP Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2118TP
Description  Trimless Voltage Controlled Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2118TP Datasheet(HTML) 1 Page - Analog Devices

  SSM2118TP Datasheet HTML 1Page - Analog Devices SSM2118TP Datasheet HTML 2Page - Analog Devices SSM2118TP Datasheet HTML 3Page - Analog Devices SSM2118TP Datasheet HTML 4Page - Analog Devices SSM2118TP Datasheet HTML 5Page - Analog Devices SSM2118TP Datasheet HTML 6Page - Analog Devices SSM2118TP Datasheet HTML 7Page - Analog Devices SSM2118TP Datasheet HTML 8Page - Analog Devices SSM2118TP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAMS
GENERAL DESCRIPTION
The SSM2018T and SSM2118T represent continuing evolu-
tion of the Frey Operational Voltage Controlled Element
(OVCE) topology that permits flexibility in the design of high
performance volume control systems. Voltage (SSM2018T)
and differential current (SSM2118T) output versions are of-
fered, both laser-trimmed for gain core symmetry and offset. As
a result, the SSM2018T is the first professional audio quality
VCA to offer trimless operation. The SSM2118T is ideal for
low noise summing in large VCA based systems.
Due to careful gain core layout, the SSM2018T/SSM2118T
combine the low noise of Class AB topologies with the low dis-
tortion of Class A circuits to offer an unprecedented level of
sonic transparency. Additional features include differential in-
puts, a 140 dB gain range, and a high impedance control port.
The SSM2018T provides an internal current-to-voltage con-
verter; thus no external active components are required. The
SSM2118T has fully differential current outputs that permit
high noise-immunity summing of multiple channels.
Both devices are offered in 16-pin plastic DIP and SOIC pack-
ages and guaranteed for operation over the extended industrial
temperature range of –40
°C to +85°C.
FEATURES
117 dB Dynamic Range
0.006% Typical THD+N (@ 1 kHz, Unity Gain)
140 dB Gain Range
No External Trimming Required
Differential Inputs
Complementary Gain Outputs
Buffered Control Port
I–V Converter On-Chip (SSM2018T)
Differential Current Outputs (SSM2118T)
Low External Parts Count
Low Cost
Trimless
Voltage Controlled Amplifiers
SSM2018T/SSM2118T
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood. MA 02062-9106,
U.S.A. Tel: 617/329-4700
Fax: 617/326-8703
REV. A
a
VC
–IN
+IN
VG
V1–G
–IG
–I1–G
GAIN
CORE
G
1–G
SSM-2018T
VC
–IN
+IN
+IG
V1–G
–IG
–I1–G
GAIN
CORE
G
1–G
SSM-2118T
OBSOLETE


Similar Part No. - SSM2118TP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2118TP AD-SSM2118TP Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
More results

Similar Description - SSM2118TP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
Trimless Voltage Controlled Amplifiers
REV.A
logo
List of Unclassifed Man...
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
IC Voltage-Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
Trimmable IC Voltage Controlled Amplifiers
logo
Analog Devices
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. B
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
Trimless Voltage Controlled Amplifier
REV. C
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
Trimless Voltage Controlled Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com