Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP382HD05AA-R2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP382HD05AA-R2G
Description  Fixed Current-Limiting Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382HD05AA-R2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP382HD05AA-R2G Datasheet HTML 1Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 2Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 3Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 4Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 5Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 6Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 7Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 8Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2012
February, 2012 − Rev. 8
1
Publication Order Number:
NCP382/D
NCP382
Fixed Current-Limiting
Power-Distribution
Switches
The NCP382 is a single input dual outputs high side
power−distribution switch designed for applications where heavy
capacitive loads and short−circuits are likely to be encountered. The
device includes an integrated 80 m
W, P−channel MOSFET. The
device limits the output current to a desired level by switching into a
constant−current mode when the output load exceeds the current−limit
threshold or a short is present. The current−limit threshold is internally
fixed. The power−switches rise and fall times are controlled to
minimize current ringing during switching.
The FLAG logic output asserts low during overcurrent or
overtemperature conditions. The switch is controlled by a logic enable
input active high or low.
Features
2.5 V – 5.5 V Operating Range
80 mW High−Side MOSFET
Current Limit: Fixed 500 mA, 1 A, 1.5 A and 2 A
Undervoltage Lock−Out (UVLO)
Soft−Start Prevents Inrush Current
Thermal Protection
Soft Turn−Off
Enable Active High or Low (EN or EN)
Compliance to IEC61000−4−2 (Level 4)
8.0 kV (Contact)
15 kV (Air)
UL Listed − File No. E343275
IEC60950 − Edition 2 − Amendment 1 Certified (CB Scheme)
These are Pb−Free Devices
Typical Applications
Laptops
USB Ports/Hubs
TVs
DFN8 3x3
CASE 506BW
MARKING
DIAGRAMS
http://onsemi.com
SOIC−8 NB
CASE 751
(Note: Microdot may be in either location)
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
ORDERING INFORMATION
XXXXX = Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
1
8
XXXXXX
ALYWX
G
1
8
1
XXXXX
XXXXX
ALYWG
G
1


Similar Part No. - NCP382HD05AA-R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP382HD05AA-R2G ONSEMI-NCP382HD05AA-R2G Datasheet
172Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
More results

Similar Description - NCP382HD05AA-R2G

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
Current-Limiting Power Distribution Switches
MIC2090 MICREL-MIC2090_11 Datasheet
1Mb / 23P
Current Limiting Power Distribution Switches
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com