Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP382HD05AA-R2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP382HD05AA-R2G
Description  Fixed Current-Limiting Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382HD05AA-R2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP382HD05AA-R2G Datasheet HTML 4Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 5Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 6Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 7Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 8Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 9Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 10Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 11Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NCP382
http://onsemi.com
11
PACKAGE DIMENSIONS
DFN8, 3x3, 0.65P
CASE 506BW
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND
0.30mm FROM THE TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
B
E
D
D2
E2
BOTTOM VIEW
b
e
8X
0.10
B
0.05
A
C
C
K
8X
NOTE 3
2X
0.10 C
PIN ONE
REFERENCE
TOP VIEW
2X
0.10 C
A
A1
(A3)
0.05 C
0.05 C
C SEATING
PLANE
SIDE VIEW
L
8X
14
5
8
DIM MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.25
0.35
D
3.00 BSC
D2
2.30
2.50
E
3.00 BSC
E2
1.55
1.75
e
0.65 BSC
K
0.20
−−−
L
0.35
0.45
8X
0.62
2.50
1.75
0.40
1
0.65
PITCH
3.30
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
8X
DIMENSIONS: MILLIMETERS
L1
DETAIL A
L
OPTIONAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
OPTIONAL
CONSTRUCTIONS
DETAIL B
DETAIL A
L1
0.00
0.15
NOTE 4
e/2
SOLDERING FOOTPRINT*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com