Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP382HD05AA-R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP382HD05AA-R2G
Description  Fixed Current-Limiting Power-Distribution Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP382HD05AA-R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP382HD05AA-R2G Datasheet HTML 1Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 2Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 3Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 4Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 5Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 6Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 7Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 8Page - ON Semiconductor NCP382HD05AA-R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NCP382
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS Min & Max Limits apply for TA between −40°C to +85°C and TJ up to + 125°C for VIN between
2.5 V to 5.5 V (Unless otherwise noted). Typical values are referenced to TA = + 25°C and VIN = 5 V.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
POWER SWITCH
RDS(on)
Static drain−source on−state resistance
(SOIC−8 Package)
TJ = 25°C, VIN = 3.6 V to 5 V
80
110
mW
VIN = 5 V
–40°C < TJ < 125°C
140
RDS(on)
Static drain−source on−state resistance
(DFN8 Package)
TJ = 25°C, VIN = 3.6 V to 5 V
80
95
mW
VIN = 5 V
–40°C < TJ < 125°C
100
TR
Output rise time
VIN = 5 V
CLOAD = 1 mF,
RLOAD = 100 W (Note 9)
0.3
1.0
1.5
ms
VIN = 2.5 V
0.2
0.65
1.0
TF
Output fall time
VIN = 5 V
0.1
0.5
VIN = 2.5 V
0.1
0.5
ENABLE INPUT ENx OR ENx
VIH
High−level input voltage
1.2
V
VIL
Low−level input voltage
0.4
V
IENx
Input current
VENx = 0 V, VENx = 5 V
−0.5
0.5
mA
TON
Turn on time
CLOAD = 1 mF, RLOAD = 100 W (Note 9)
1.0
3.0
ms
TOFF
Turn off time
1.0
3.0
ms
CURRENT LIMIT
IOCP
Current−limit threshold (Maximum DC
output current IOUTX delivered to load)
VIN = 5 V, Fixed 0.5 A
0.5
0.6
0.7
A
VIN = 5 V, Fixed 1.0 A
1.0
1.2
1.4
VIN = 5 V, Fixed 1.5 A
1.5
1.75
2.0
VIN = 5 V, Fixed 2 A
2
2.25
2.5
TDET
Response time to short circuit
VIN = 5 V
2.0
ms
TREG
Regulation time
2.0
3.0
4.0
ms
TOCP
Over current protection time
14
20
26
ms
UNDERVOLTAGE LOCKOUT
VUVLO
IN pin low−level input voltage
VIN rising
2.0
2.35
2.5
V
VHYST
IN pin hysteresis
TJ = 25°C
25
40
60
mV
TRUVLO
Re−arming Time
VIN rising
5.0
10
15
ms
SUPPLY CURRENT
IINOFF
Low−level output supply current
VIN = 5 V, No load on OUTX, Device OFF
VENX = 0 V or VENX = 5 V
2.0
3.0
mA
IINON
High−level output supply current
0.5 A
TJ = 25°C
TJ = 85°C
95
100
mA
1 and 1.5 A
TJ = 25°C
TJ = 85°C
115
125
2 A
TJ = 25°C
TJ = 85°C
130
140
IREV
Reverse leakage current
VOUTX = 5 V,
VIN = 0 V
TJ = 25°C
1.0
2.0
mA
FLAG PIN
VOL
FLAGX output low voltage
IFLAGX = 1 mA
400
mV
ILEAK
Off−state leakage
VFLAGX = 5 V
0.02
1
mA
TFLG
FLAGX deglitch
FLAGX de−assertion time due to
overcurrent
4
6
9
ms
TFOCP
FLAGX deglitch
FLAGX assertion due to overcurrent
6
8
12
ms
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
140
°C
TSDOCP
Thermal regulation threshold
125
°C
TRSD
Thermal regulation rearming threshold
115
°C
9. Parameters are guaranteed for CLOAD and RLOAD connected to the OUTX pin with respect to the ground.
10.DFN package only.
11. Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com