Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9535EC Datasheet(PDF) 1 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 1 Page - ON Semiconductor

  PCA9535EC Datasheet HTML 1Page - ON Semiconductor PCA9535EC Datasheet HTML 2Page - ON Semiconductor PCA9535EC Datasheet HTML 3Page - ON Semiconductor PCA9535EC Datasheet HTML 4Page - ON Semiconductor PCA9535EC Datasheet HTML 5Page - ON Semiconductor PCA9535EC Datasheet HTML 6Page - ON Semiconductor PCA9535EC Datasheet HTML 7Page - ON Semiconductor PCA9535EC Datasheet HTML 8Page - ON Semiconductor PCA9535EC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
© Semiconductor Components Industries, LLC, 2012
August, 2012 − Rev. 2
1
Publication Order Number:
PCA9535E/D
PCA9535E, PCA9535EC
16-bit Low-Power I/O
Expander for I2C Bus with
Interrupt
The PCA9535E and PCA9535EC devices provide 16 bits of
General Purpose parallel Input / Output (GPIO) expansion through the
I2C−bus / SMBus.
The PCA9535E and PCA9535EC consist of two 8−bit
Configuration (Input or Output selection); Input, Output and Polarity
Inversion (active−HIGH or active−LOW operation) registers. At
power on, all I/Os default to inputs. Each I/O may be configured as
either input or output by writing to its corresponding I/O configuration
bit. The data for each Input or Output is kept in its corresponding Input
or Output register. The Polarity Inversion register may be used to
invert the polarity if the read register. All registers can be read by the
system master.
The PCA9535E, identical to the PCA9655E but with the internal
I/O pull−up resistors removed, has greatly reduced power
consumption when the I/Os are held LOW.
The PCA9535EC is identical to the PCA9535E but with
high−impedance open−drain outputs at all the I/O pins.
The PCA9535E and PCA9535EC provide an open−drain interrupt
output which is activated when any input state differs from its
corresponding input port register state. The interrupt output is used to
indicate to the system master that an input state has changed. The
power−on reset sets the registers to their default values and initializes
the device state machine.
Three hardware pins (AD0, AD1, AD2) are used to configure the
I2C−bus slave address of the device. The I2C−bus slave addresses of
the PCA9535E and PCA9535EC are the same as the PCA9655E. This
allows up to 64 of these devices in any combination to share the same
I2C−bus/SMBus.
Features
• VDD Operating Range: 1.65 V to 5.5 V
• SDA Sink Capability: 30 mA
• 5.5 V Tolerant I/Os
• Polarity Inversion Register
• Active LOW Interrupt Output
• Low Standby Current
• Noise Filter on SCL/SDA Inputs
• No Glitch on Power−up
• Internal Power−on Reset
• 64 Programmable Slave Addresses using Three
Address Pins
• 16 I/O Pins which Default to 16 Inputs
• I2C SCL Clock Frequencies Supported:
Standard Mode: 100 kHz
Fast Mode: 400 kHz
Fast Mode +: 1 MHz
• ESD Performance: 3000 V Human Body Model, 400 V
Machine Model
• These are Pb−Free Devices
SOIC−24
DW SUFFIX
CASE 751E
See detailed ordering and shipping information in the package
dimensions section on page 17 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
http://onsemi.com
TSSOP−24
DT SUFFIX
CASE 948H
1
WQFN24
MT SUFFIX
CASE 485BG
PCA
9535E(C)
ALYWG
G
PCA95
35E(C)
AWLYYWWG
PCA9535E(C)
AWLYYWWG
XXXX
= Specific Device Code
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - PCA9535EC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCA9535EC ONSEMI-PCA9535EC Datasheet
178Kb / 20P
16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
PCA9535ECDTR2G ONSEMI-PCA9535ECDTR2G Datasheet
180Kb / 20P
16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
PCA9535ECDTR2G ONSEMI-PCA9535ECDTR2G Datasheet
178Kb / 20P
16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
PCA9535ECDWR2G ONSEMI-PCA9535ECDWR2G Datasheet
180Kb / 20P
16-bit Low-Power I/O Expander
October, 2015 ??Rev. 6
PCA9535ECDWR2G ONSEMI-PCA9535ECDWR2G Datasheet
178Kb / 20P
16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
More results

Similar Description - PCA9535EC

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
8-BIT I/O EXPANDER for I2C BUS
logo
NXP Semiconductors
PCF8575 PHILIPS-PCF8575 Datasheet
105Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Apr 07
PCF8575C PHILIPS-PCF8575C Datasheet
107Kb / 24P
Remote 16-bit I/O expander for I2C-bus
1999 Aug 05
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
8-bit I/O Expander for I2C BUS
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
8-bit I/O Expander for I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
PCA9535E ONSEMI-PCA9535E_17 Datasheet
178Kb / 20P
16-bit Low-Power I/O Expander for I2C Bus
March, 2017 ??Rev. 7
logo
Diodes Incorporated
PI4IOE5V6416 DIODES-PI4IOE5V6416 Datasheet
1Mb / 19P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
PI4IOE5V6416Q DIODES-PI4IOE5V6416Q Datasheet
2Mb / 17P
Low-Voltage Translating 16-bit I2C-bus I/O Expander
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com