Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9535EC Datasheet(PDF) 4 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 4 Page - ON Semiconductor

  PCA9535EC Datasheet HTML 1Page - ON Semiconductor PCA9535EC Datasheet HTML 2Page - ON Semiconductor PCA9535EC Datasheet HTML 3Page - ON Semiconductor PCA9535EC Datasheet HTML 4Page - ON Semiconductor PCA9535EC Datasheet HTML 5Page - ON Semiconductor PCA9535EC Datasheet HTML 6Page - ON Semiconductor PCA9535EC Datasheet HTML 7Page - ON Semiconductor PCA9535EC Datasheet HTML 8Page - ON Semiconductor PCA9535EC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
PCA9535E, PCA9535EC
http://onsemi.com
4
Table 2. MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
−0.5 to +7.0
V
VI/O
Input / Output Pin Voltage
−0.5 to +7.0
V
II
Input Current
$20
mA
IO
Output Current
$50
mA
IDD
DC Supply Current
$100
mA
IGND
DC Ground Current
$600
mA
PTOT
Total Power Dissipation
600
mW
POUT
Power Dissipation per Output
200
mW
TSTG
Storage Temperature Range
−65 to +150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
150
°C
qJA
Thermal Resistance (Note 1)
SOIC−24
TSSOP−24
WQFN24
85
91
68
°C/W
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating Oxygen Index: 28 to 34
UL 94 V−0 @
0.125 in
VESD
ESD Withstand Voltage Human Body Mode (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
> 3000
> 400
N/A
V
ILATCHUP
Latchup Performance Above VDD and Below GND at 125°C (Note 5)
$100
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may
affect device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2 ounce copper trace no air flow.
2. Tested to EIA / JESD22−A114−A.
3. Tested to EIA / JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA / JESD78.
Table 3. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VDD
Positive DC Supply Voltage
1.65
5.5
V
VI/O
Switch Input / Output Voltage
0
5.5
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
0
5
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com