Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9535EC Datasheet(PDF) 13 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 13 Page - ON Semiconductor

Back Button PCA9535EC Datasheet HTML 9Page - ON Semiconductor PCA9535EC Datasheet HTML 10Page - ON Semiconductor PCA9535EC Datasheet HTML 11Page - ON Semiconductor PCA9535EC Datasheet HTML 12Page - ON Semiconductor PCA9535EC Datasheet HTML 13Page - ON Semiconductor PCA9535EC Datasheet HTML 14Page - ON Semiconductor PCA9535EC Datasheet HTML 15Page - ON Semiconductor PCA9535EC Datasheet HTML 16Page - ON Semiconductor PCA9535EC Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
PCA9535E, PCA9535EC
http://onsemi.com
13
Interrupt Output
The open−drain interrupt output is activated when an I/O
pin configured as an input changes state. The interrupt is
deactivated when the input pin returns to its previous state
or when the Input Port register is read (see Figure 9). A pin
configured as an output cannot cause an interrupt. Since
each 8−bit port is read independently, the interrupt caused by
Port 0 will not be cleared by a read of Port 1 or the other way
around.
Remark: Changing an I/O from an output to an input may
cause a false interrupt to occur if the state of the pin does not
match the contents of the Input Port register.
APPLICATION INFORMATION
Figure 11. Typical Application
Device address configured as 0100 000xb for this example.
IO0_0, IO0_2, IO0_3 configured as outputs.
IO0_1, IO0_4, IO0_5 configured as inputs.
IO0_6, IO0_7, and IO1_0 to IO1_7 configured as inputs.
PCA9535E
IO0_0
IO0_1
SCL
SDA
VDD
(5 V)
MASTER
CONTROLLER
INT
IO0_2
VDD
AD2
AD1
AD0
VDD
GND
INT
10 k
W
SUB−SYSTEM 1
(e.g., temp
sensor)
IO0_3
INT
SUB−SYSTEM 2
(e.g., counter)
RESET
controlled
switch
(e.g.,
7SB or FST)
VDD
A
B
ENABLE
SUB−SYSTEM 3
(e.g., alarm system)
ALARM
IO0_4
IO0_5
IO0_6
10
DIGIT
NUMERIC
KEYPAD
VSS
10 k
W
10 k
W
2 k
W
IO0_7
IO1_0
IO1_1
IO1_2
IO1_3
IO1_4
IO1_5
IO1_6
IO1_7
SDA
SCL
100 k
W
(x3)
Minimizing IDD When the I/Os are Used to Control
LEDs
To use the PCA9535E I/Os to control LEDs, the I/Os are
normally connected to VDD through a resistor as shown in
Figure 11. The LED acts as a diode. When the LED is off,
the I/O VI is about 1.2 V less than VDD. The supply current,
IDD, increases as VI becomes lower than VDD.
For applications requiring low current consumption, such
as battery power applications, it is recommended that the I/O
pin voltages be greater than or equal to VDD when the LED
is off. This would minimize current consumption. Figure 12
shows a high value resistor in parallel with the LED.
Figure 13 shows VDD less than the LED supply voltage by
at least 1.2 V. Both of these methods maintain the I/O VI at
or above VDD and prevents additional supply current
consumption when the LED is off.
This concern does not occur for the PCA9535EC because
the PCA9535EC I/O pins are open−drain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com