Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8344EB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8344EB
Description  16-Bit, 8-Channel Serial Output Sampling
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8344EB Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8344EB Datasheet HTML 7Page - Texas Instruments ADS8344EB Datasheet HTML 8Page - Texas Instruments ADS8344EB Datasheet HTML 9Page - Texas Instruments ADS8344EB Datasheet HTML 10Page - Texas Instruments ADS8344EB Datasheet HTML 11Page - Texas Instruments ADS8344EB Datasheet HTML 12Page - Texas Instruments ADS8344EB Datasheet HTML 13Page - Texas Instruments ADS8344EB Datasheet HTML 14Page - Texas Instruments ADS8344EB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
ADS8344
11
SBAS139E
THEORY OF OPERATION
The ADS8344 is a classic Successive Approximation
Register (SAR) A/D converter. The architecture is based on
capacitive redistribution that inherently includes a sample-
and-hold function. The converter is fabricated on a 0.6
µs
CMOS process.
The basic operation of the ADS8344 is shown in Figure 1.
The device requires an external reference and an external
clock. It operates from a single supply of 2.7V to 5.25V. The
external reference can be any voltage between 500mV and
+VCC. The value of the reference voltage directly sets the
input range of the converter. The average reference input
current depends on the conversion rate of the ADS8344.
The analog input to the converter is differential and is
provided via an 8-channel multiplexer. The input can be
provided in reference to a voltage on the COM pin (which
is generally ground) or differentially by using four of the
eight input channels (CH0 - CH7). The particular configura-
tion is selectable via the digital interface.
A2
A1
A0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
00
0
+IN
–IN
00
1
+IN
–IN
01
0
+IN
–IN
01
1
+IN
–IN
10
0
–IN
+IN
10
1
–IN
+IN
11
0
–IN
+IN
11
1
–IN
+IN
TABLE II. Differential Channel Control (SGL/DIF LOW).
TABLE I. Single-Ended Channel Selection (SGL/DIF HIGH).
FIGURE 1. Basic Operation of the ADS8344.
A2
A1
A0
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
00
0
+IN
–IN
10
0
+IN
–IN
00
1
+IN
–IN
10
1
+IN
–IN
01
0
+IN
–IN
11
0
+IN
–IN
01
1
+IN
–IN
11
1
+IN
–IN
ANALOG INPUT
See Figure 2 for a block diagram of the input multiplexer on
the ADS8344. The differential input of the converter is
derived from one of the eight inputs in reference to the COM
pin, or four of the eight inputs. Table I and Table II show the
relationship between the A2, A1, A0, and SGL/DIF control
bits and the configuration of the analog multiplexer. The
control bits are provided serially via the DIN pin (see the
Digital Interface section of this data sheet for more details).
When the converter enters the hold mode, the voltage
difference between the +IN and –IN inputs is captured on
the internal capacitor array (see Figure 2). The voltage on
the –IN input is limited between –0.2V and 1.25V, allowing
the input to reject small signals that are common to both the
+IN and –IN input. The +IN input has a range of –0.2V to
+VCC + 0.2V.
The input current on the analog inputs depends on the conver-
sion rate of the device. During the sample period, the source
must charge the internal sampling capacitor (typically 25pF).
After the capacitor has been fully charged, there is no further
input current. The rate of charge transfer from the analog
source to the converter is a function of conversion rate.
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
SHDN
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
+V
CC
DCLK
CS
D
IN
BUSY
D
OUT
GND
GND
+V
CC
V
REF
Serial/Conversion Clock
Chip Select
Serial Data In
Serial Data Out
+2.7V to +5V
1
µF to 10µF
ADS8344
Single-ended
or differential
analog inputs
1
µF to 10µF
1
µF
0.1
µF
+
External
V
REF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com