Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8344EB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8344EB
Description  16-Bit, 8-Channel Serial Output Sampling
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8344EB Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADS8344EB Datasheet HTML 8Page - Texas Instruments ADS8344EB Datasheet HTML 9Page - Texas Instruments ADS8344EB Datasheet HTML 10Page - Texas Instruments ADS8344EB Datasheet HTML 11Page - Texas Instruments ADS8344EB Datasheet HTML 12Page - Texas Instruments ADS8344EB Datasheet HTML 13Page - Texas Instruments ADS8344EB Datasheet HTML 14Page - Texas Instruments ADS8344EB Datasheet HTML 15Page - Texas Instruments ADS8344EB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
ADS8344
12
SBAS139E
REFERENCE INPUT
The external reference sets the analog input range. The
ADS8344 will operate with a reference in the range of
100mV to +VCC. Keep in mind that the analog input is the
difference between the +IN input and the –IN input, as
shown in Figure 2. For example, in the single-ended mode,
a 1.25V reference with the COM pin grounded, the selected
input channel (CH0 - CH7) will properly digitize a signal in
the range of 0V to 1.25V. If the COM pin is connected to
0.5V, the input range on the selected channel is 0.5V to
1.75V.
There are several critical items concerning the reference
input and its wide-voltage range. As the reference voltage is
reduced, the analog voltage weight of each digital output
code is also reduced. This is often referred to as the LSB
FIGURE 2. Simplified Diagram of the Analog Input.
Converter
+IN
–IN
CH0
CH1
CH2
CH3
A2-A0
(shown 00o
B)
(1)
SGL/DIF
(shown HIGH)
CH4
CH5
CH6
CH7
COM
NOTE: (1) See Truth Tables, Table I
and Table II for address coding.
(Least Significant Bit) size and is equal to the reference
voltage divided by 65536. Any offset or gain error inherent
in the A/D converter will appear to increase, in terms of LSB
size, as the reference voltage is reduced. For example, if the
offset of a given converter is 2LSBs with a 2.5V reference,
then it will typically be 10LSBs with a 0.5V reference. In
each case, the actual offset of the device is the same,
76.3
µV.
Likewise, the noise or uncertainty of the digitized output
will increase with lower LSB size. With a reference voltage
of 500mV, the LSB size is 7.6
µV. This level is below the
internal noise of the device. As a result, the digital output
code will not be stable and will vary around a mean value by
a number of LSBs. The distribution of output codes will be
gaussian and the noise can be reduced by simply averaging
consecutive conversion results or applying a digital filter.
With a lower reference voltage, care should be taken to
provide a clean layout including adequate bypassing, a clean
(low-noise, low-ripple) power supply, a low-noise reference,
and a low-noise input signal. Because the LSB size is lower,
the converter will also be more sensitive to nearby digital
signals and electromagnetic interference.
The voltage into the VREF input is not buffered and directly
drives the Capacitor Digital-to-Analog Converter (CDAC)
portion of the ADS8344. Typically, the input current is
13
µA with a 2.5V reference. This value will vary by
microamps depending on the result of the conversion. The
reference current diminishes directly with both conversion
rate and reference voltage. As the current from the reference
is drawn on each bit decision, clocking the converter more
quickly during a given conversion period will not reduce
overall current drain from the reference.
DIGITAL INTERFACE
The ADS8344 has a four-wire serial interface compatible
with several microprocessor families (note that the digital
inputs are over-voltage tolerant up to +5.5V, regardless of
+VCC). Figure 3 shows the typical operation of the ADS8344
digital interface.
Most microprocessors communicate using 8-bit transfers;
the ADS8344 can complete a conversion with three such
transfers, for a total of 24 clock cycles on the DCLK input,
provided the timing is as shown in Figure 3.
FIGURE 3. Conversion Timing, 24-Clocks per Conversion, 8-Bit Bus Interface. No DCLK Delay Required with Dedicated
Serial Port.
t
ACQ
Acquire
Idle
Conversion
1
DCLK
CS
81
15
DOUT
BUSY
(MSB)
(START)
(LSB)
A2
S
DIN
A1
A0
SGL/
DIF
PD1 PD0
14
13
12
11
10
9
8
7654321
0
Zero Filled...
81
8
Acquire
Idle
Conversion
18
1
15
(MSB)
(START)
A2
SA1
A0
SGL/
DIF
PD1 PD0
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com