Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS8344EB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8344EB
Description  16-Bit, 8-Channel Serial Output Sampling
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8344EB Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS8344EB Datasheet HTML 11Page - Texas Instruments ADS8344EB Datasheet HTML 12Page - Texas Instruments ADS8344EB Datasheet HTML 13Page - Texas Instruments ADS8344EB Datasheet HTML 14Page - Texas Instruments ADS8344EB Datasheet HTML 15Page - Texas Instruments ADS8344EB Datasheet HTML 16Page - Texas Instruments ADS8344EB Datasheet HTML 17Page - Texas Instruments ADS8344EB Datasheet HTML 18Page - Texas Instruments ADS8344EB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
ADS8344
15
SBAS139E
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tACQ
Acquisition Time
1.7
µs
tDS
DIN Valid Prior to DCLK Rising
50
ns
tDH
DIN Hold After DCLK HIGH
10
ns
tDO
DCLK Falling to DOUT Valid
100
ns
tDV
CS Falling to DOUT Enabled
70
ns
tTR
CS Rising to DOUT Disabled
70
ns
tCSS
CS Falling to First DCLK Rising
50
ns
tCSH
CS Rising to DCLK Ignored
0
ns
tCH
DCLK HIGH
150
ns
tCL
DCLK LOW
150
ns
tBD
DCLK Falling to BUSY Rising
100
ns
tBDV
CS Falling to BUSY Enabled
70
ns
tBTR
CS Rising to BUSY Disabled
70
ns
FIGURE 7. Ideal Input Voltages and Output Codes.
TABLE VII. Timing Specifications (+VCC = +4.75V to
+5.25V, TA = –40°C to +85°C, CLOAD = 50pF).
0V
FS = Full-Scale Voltage = V
REF
1LSB = V
REF/65,536
FS – 1LSB
11...111
11...110
11...101
00...010
00...001
00...000
1LSB
NOTE: (1) Voltage at converter input, after multiplexer: +IN – (–IN). (See Figure 2.)
Input Voltage(1) (V)
Data Format
The ADS8344 output data is in straight binary format, as
shown in Figure 7. This figure shows the ideal output code
for the given input voltage and does not include the effects
of offset, gain, or noise.
POWER DISSIPATION
There are three power modes for the ADS8344: full-power
(PD1 - PD0 = 11B), auto power-down (PD1 - PD0 = 00B),
and shutdown (SHDN LOW). The effects of these modes
varies depending on how the ADS8344 is being operated.
For example, at full conversion rate and 24-clocks per
conversion, there is very little difference between
full-power mode and auto power-down; a shutdown will not
lower power dissipation.
When operating at full-speed and 24-clocks per conversion
(see Figure 3), the ADS8344 spends most of its time
acquiring or converting. There is little time for auto
power-down, assuming that this mode is active. Thus, the
difference between full-power mode and auto power-down
is negligible. If the conversion rate is decreased by simply
slowing the frequency of the DCLK input, the two modes
remain approximately equal. However, if the DCLK fre-
quency is kept at the maximum rate during a conversion, but
conversions are simply done less often, then the difference
between the two modes is dramatic. In the latter case, the
converter spends an increasing percentage of its time in
power-down mode (assuming the auto power-down mode is
active).
If DCLK is active and CS is LOW while the ADS8344 is in
auto power-down mode, the device will continue to dissipate
some power in the digital logic. The power can be reduced
to a minimum by keeping CS HIGH.
Operating the ADS8344 in auto power-down mode will
result in the lowest power dissipation, and there is no
conversion time “penalty” on power-up. The very first
conversion will be valid. SHDN can be used to force an
immediate power-down.
NOISE
The noise floor of the ADS8344 itself is extremely low, as
shown in Figures 8 thru 11, and is much lower than compet-
ing A/D converters. The ADS8344 was tested at both 5V
and 2.7V, and in both the internal and external clock modes.
A low-level DC input was applied to the analog-input pins
and the converter was put through 5,000 conversions. The
digital output of the A/D converter will vary in output code
due to the internal noise of the ADS8344. This is true for all
16-bit SAR-type A/D converters. Using a histogram to plot
the output codes, the distribution should appear bell-shaped
with the peak of the bell curve representing the nominal code
for the input value. The
±1σ, ±2σ, and ±3σ distributions will
represent the 68.3%, 95.5%, and 99.7%, respectively, of all
codes. The transition noise can be calculated by dividing the
number of codes measured by 6 and this will yield the
±3σ
distribution, or 99.7%, of all codes. Statistically, up to 3
codes could fall outside the distribution when executing
1,000 conversions. The ADS8344, with < 3 output codes for
the
±3σ distribution, will yield a < ±0.5LSB transition noise
at 5V operation. Remember, to achieve this low-noise per-
formance, the peak-to-peak noise of the input signal and
reference must be < 50
µV.
FIGURE 8. Histogram of 5,000 Conversions of a DC Input at the
Code Transition, 5V operation external clock mode.
Code
4561
242
00
197
7FFE
7FFD
8001
8000
7FFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com