Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADC0804LCWM/NOPB
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCWM/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC0804LCWM/NOPB Datasheet HTML 20Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 21Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 22Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 23Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 24Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 25Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 26Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 27Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
In general, the magnitude of the reference voltage will require an initial adjustment. Errors due to an improper
value of reference voltage appear as full-scale errors in the A/D transfer function. IC voltage regulators may be
used for references if the ambient temperature changes are not excessive. The LM336B 2.5V IC reference diode
(from National Semiconductor) has a temperature stability of 1.8 mV typ (6 mV max) over 0°C
≤TA≤+70°C. Other
temperature range parts are also available.
a) Analog Input Signal Example
*Add if VREF/2
≤ 1 VDC with LM358 to draw 3 mA to
ground.
b) Accommodating an Analog Input from 0.5V
(Digital Out = 00HEX) to 3.5 V (Digital Out=FFHEX)
Figure 51. Adapting the A/D Analog Input Voltages to Match an Arbitrary Input Signal Range
Errors and Reference Voltage Adjustments
Zero Error
The zero of the A/D does not require adjustment. If the minimum analog input voltage value, VIN(MIN), is not
ground, a zero offset can be done. The converter can be made to output 0000 0000 digital code for this minimum
input voltage by biasing the A/D VIN(−) input at this VIN(MIN) value (see Applications section). This utilizes the
differential mode operation of the A/D.
The zero error of the A/D converter relates to the location of the first riser of the transfer function and can be
measured by grounding the VIN(−) input and applying a small magnitude positive voltage to the VIN(+) input. Zero
error is the difference between the actual DC input voltage that is necessary to just cause an output digital code
transition from 0000 0000 to 0000 0001 and the ideal 1/2 LSB value (1/2 LSB = 9.8 mV for VREF/2=2.500 VDC).
Full-Scale
The full-scale adjustment can be made by applying a differential input voltage that is 11/2 LSB less than the
desired analog full-scale voltage range and then adjusting the magnitude of the VREF/2 input (pin 9 or the VCC
supply if pin 9 is not used) for a digital output code that is just changing from 1111 1110 to 1111 1111.
Adjusting for an Arbitrary Analog Input Voltage Range
If the analog zero voltage of the A/D is shifted away from ground (for example, to accommodate an analog input
signal that does not go to ground) this new zero reference should be properly adjusted first. A VIN(+) voltage that
equals this desired zero reference plus 1/2 LSB (where the LSB is calculated for the desired analog span, 1
LSB=analog span/256) is applied to pin 6 and the zero reference voltage at pin 7 should then be adjusted to just
obtain the 00HEX to 01HEX code transition.
The full-scale adjustment should then be made (with the proper VIN(−) voltage applied) by forcing a voltage to the
VIN(+) input which is given by:
24
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com