Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC0804LCWM/NOPB
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCWM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  ADC0804LCWM/NOPB Datasheet HTML 1Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 2Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 3Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 4Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 5Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 6Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 7Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 8Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
8-Bit µP Compatible A/D Converters
Check for Samples: ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
1
FEATURES
DESCRIPTION
The ADC0801, ADC0802, ADC0803, ADC0804 and
•
Compatible with 8080 µP derivatives – no
ADC0805 are CMOS 8-bit successive approximation
interfacing logic needed – access time 135 ns
A/D converters that use a differential potentiometric
•
Easy interface to all microprocessors, or
ladder — similar to the 256R products. These
operates “stand alone”
converters are designed to allow operation with the
NSC800 and INS8080A derivative control bus with
•
Differential analog voltage inputs
TRI-STATE output latches directly driving the data
•
Logic inputs and outputs meet both MOS and
bus. These A/Ds appear like memory locations or I/O
TTL voltage level specifications
ports to the microprocessor and no interfacing logic is
•
Works with 2.5V (LM336) voltage reference
needed.
•
On-chip clock generator
Differential analog voltage inputs allow increasing the
•
0V to 5V analog input voltage range with
common-mode rejection and offsetting the analog
single 5V supply
zero input voltage value. In addition, the voltage
reference input can be adjusted to allow encoding
•
No zero adjust required
any smaller analog voltage span to the full 8 bits of
•
0.3" standard width 20-pin DIP package
resolution.
•
20-pin molded chip carrier or small outline
package
CONNECTION DIAGRAM
•
Operates ratiometrically or with 5 VDC, 2.5 VDC,
or analog span adjusted voltage reference
ADC080X
Dual-In-Line and Small Outline (SO) Packages
See Ordering Information
KEY SPECIFICATIONS
•
Resolution: 8 Bits
•
Total error: ±1/4 LSB, ±1/2 LSB and ±1 LSB
•
Conversion Time: 100 µs
Table 1. ORDERING INFORMATION
TEMP RANGE
0°C TO 70°C
0°C to 70°C
−40°C TO +85°C
±1/4 Bit Adjusted
ADC0801LCN
ERROR
±1/2 Bit Unadjusted
ADC0802LCWM
ADC0802LCN
±1/2 Bit Adjusted
ADC0803LCN
±1Bit Unadjusted
ADC0804LCWM
ADC0804LCN
ADC0805LCN/ADC0804LCJ
PACKAGE OUTLINE
M20B — Small Outline
N20A — Molded DIP
Z-80® is a registered trademark of Zilog Corp.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC0804LCWM/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0804LCWM/NOPB TI1-ADC0804LCWM/NOPB Datasheet
6Mb / 56P
Analog-to-Digital Converters
More results

Similar Description - ADC0804LCWM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0802 INTERSIL-ADC0802 Datasheet
250Kb / 16P
8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
ADC0803 INTERSIL-ADC0803 Datasheet
580Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
August 2002
logo
National Semiconductor ...
ADC080X NSC-ADC080X Datasheet
2Mb / 3P
8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
8-Bit 關P Compatible A/D Converters
logo
Analog Devices
AD7548JNZ AD-AD7548JNZ Datasheet
627Kb / 12P
LC2 MOS 8-Bit muP-Compatible 12-bit DAC
REV. A
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
8-Bit 關P Compatible A/D Converters
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
8-Bit Compatible A/D Converters with 8-Channel Multiplexer
ADC0816 TI1-ADC0816_17 Datasheet
539Kb / 18P
8-Bit Compatible A/D Converters with16-Channel Multiplexer
logo
Renesas Technology Corp
ADC0803 RENESAS-ADC0803 Datasheet
875Kb / 17P
8-Bit, Microprocessor-Compatible, A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com