Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # ADC0804LCWM/NOPB
Description  8-Bit muP Compatible A/D Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0804LCWM/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC0804LCWM/NOPB Datasheet HTML 24Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 25Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 26Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 27Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 28Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 29Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 30Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 31Page - Texas Instruments ADC0804LCWM/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
Figure 54. A/D Tester with Analog Error Output
Figure 55. Basic “Digital” A/D Tester
Table 2. Decoding the Digital Output LEDs
OUTPUT VOLTAGE CENTER VALUES
FRACTIONAL BINARY VALUE FOR
WITH VREF/2=2.560 VDC
HEX
BINARY
MS GROUP
LS GROUP
VMS GROUP(1)
VLS GROUP(1)
F
1
1
1
1
15/16
15/256
4.800
0.300
E
1
1
1
0
7/8
7/128
4.480
0.280
D
1
1
0
1
13/16
13/256
4.160
0.260
C
1
1
0
0
3/4
3/64
3.840
0.240
B
1
0
1
1
11/16
11/256
3.520
0.220
A
1
0
1
0
5/8
5/128
3.200
0.200
9
1
0
0
1
9/16
9/256
2.880
0.180
8
1
0
0
0
1/2
1/32
2.560
0.160
7
0
1
1
1
7/16
7/256
2.240
0.140
6
0
1
1
0
3/8
3/128
1.920
0.120
5
0
1
0
1
5/16
2/256
1.600
0.100
4
0
1
0
0
1/4
1/64
1.280
0.080
3
0
0
1
1
163
3/256
0.960
0.060
2
0
0
1
0
1/8
1/128
0.640
0.040
1
0
0
0
1
1/16
1/256
0.320
0.020
0
0
0
0
0
0
0
(1)
Display Output=VMS Group + VLS Group
28
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com