Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8802LEEVZ Datasheet(PDF) 9 Page - Analog Microelectronics

Part # AME8802LEEVZ
Description  300mA CMOS LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802LEEVZ Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8802LEEVZ Datasheet HTML 5Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 6Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 7Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 8Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 9Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 10Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 11Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 12Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AME
9
AME8802
300mA CMOS LDO
Rev.K.02
Ground Current vs. Input Voltage
Load Step (1mA-300mA)
Chip Enable Transient Response
Chip Enable Transient Response
Drop Out Voltage vs. Output Voltage
Drop Out Voltage vs. Load Current
Input Voltage (V)
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
6
7
8
85
O
C
25
O
C
0
0
TIME (1mS/DIV)
C
L=2µF
R
L=10Ω
0
0
TIME (1mS/DIV)
C
L=2µF
R
L=10Ω
C
BYP=1000pF
TIME(20mS/DIV)
C
L
=2.2
µF
C
IN =2.2µF
Output
I
Load
0
1200
1000
800
600
400
200
1.31.5
2
3
4
Output Voltage (V)
I
O=100mA
I
O=200mA
0
I
O=300mA
5
1200
1000
800
600
400
200
0
50
100
150
200
250
300
Load Current (mA)
V
OUT=1.3V
V
OUT=1.5V
V
OUT=1.8V
Top to Bottom
V
OUT=2.3V
V
OUT=2.5V
V
OUT=2.8V
V
OUT=3.0V
V
OUT=3.3V
V
OUT=3.5V
V
OUT=3.8V
V
OUT=4.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com