Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8802LEEVZ Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME8802LEEVZ
Description  300mA CMOS LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802LEEVZ Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME8802LEEVZ Datasheet HTML 6Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 7Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 8Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 9Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 10Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 11Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 12Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 13Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AME
10
300mA CMOS LDO
AME8802
Rev.K.02
100mA
10mA
1mA
100
µ A
100mA
100
µA
C
L=2.2µF Tantalum
C
BYP =0
-80
-70
-60
-50
-40
-30
-20
-10
0
10
1K
100K
Frequency (Hz)
10M
Power Supply Rejection Ratio
Short Circuit Response
Overtemperature Shutdown
Current Limit Response
Noise Measurement
Line Transient Response
C
L =2.2µF Tantalum
C
=0
R
LOAD
=100
Ω
R SHORT =0.1Ω
0
0
TIME (2mS/DIV)
TIME (0.5Sec/DIV)
0
0
R
LOAD=6.6 Ω
TIME (2mS/DIV)
0
0
R
Load=3.3 Ω
TIME (20ms/DIV)
C
L=2.2µF
No Filter
TIME (2mS/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com