Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AME8802LEEVZ Datasheet(PDF) 12 Page - Analog Microelectronics

Part # AME8802LEEVZ
Description  300mA CMOS LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8802LEEVZ Datasheet(HTML) 12 Page - Analog Microelectronics

Back Button AME8802LEEVZ Datasheet HTML 8Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 9Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 10Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 11Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 12Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 13Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 14Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 15Page - Analog Microelectronics AME8802LEEVZ Datasheet HTML 16Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AME
12
300mA CMOS LDO
AME8802
Rev.K.02
Shut Down Current vs. Temp.
Quiescent Current vs. Temp.
Load Regulation vs. Temp.
EN pin LO bias Current vs. Temp.
Dropout Voltage vs. Temp.
PG VOL vs. Temp.
0.40
0.42
0.44
0.46
0.48
0.50
0.52
0.54
0.56
0.58
-45
-5
25
55
85
Temperature (oC)
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-45
-5
25
55
85
Temperature (oC)
150
160
170
180
190
200
210
220
-45
-5
25
55
85
Temperature (oC)
0.15
0.20
0.25
0.30
0.35
0.40
0.45
-45
-5
25
55
85
Temperature (oC)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-45
-5
25
55
85
Temperature (oC)
27
28
29
30
31
32
33
34
35
-45
-5
25
55
85
Temperature (oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com