Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4D10SNIP0F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC4D10SNIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4D10SNIP0F Datasheet(HTML) 2 Page - Sharp Corporation

  PC4D10SNIP0F Datasheet HTML 1Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 2Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 3Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 4Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 5Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 6Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 7Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 8Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Sheet No.: D2-A09201EN
PC4D10SNIP0F Series
■ Internal Connection Diagram
■ Outline Dimensions
(Unit : mm)
1
2
3
4
8
7
6
5
1
2
3
4
5
6
7
8
Anode 1
Cathode 1
Cathode 2
Anode 2
Amp.
Amp.
VO1
GND
VO2
VCC
■ Truth table
Channel
Input
LED
Output
1
HON
L
L
OFF
H
2
HON
L
L
OFF
H
1.27±
0.05
0.406±
0.076
4
8
7
6
5
Primary side
mark
Date code
Rank mark
4D10S
SHARP
mark
"S"
5.080±
0.127
0.305
MIN.
12
3
1.27±
0.05
0.406±
0.076
4
VDE Identification mark
8
7
6
5
Primary side
mark
Date code
Rank mark
4D10S
4
SHARP
mark
"S"
5.080±
0.127
0.305
MIN.
12
3
1. Mini-flat Package [ex. PC4D10SNIP0F]2. Mini-flat Package (VDE option) [ex. PC4D10SYIP0F]
Product mass : approx. 0.15g
Product mass : approx. 0.15g
Plating material : Pd (Au flush)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com