Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4D10SNIP0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC4D10SNIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4D10SNIP0F Datasheet(HTML) 4 Page - Sharp Corporation

  PC4D10SNIP0F Datasheet HTML 1Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 2Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 3Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 4Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 5Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 6Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 7Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 8Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Sheet No.: D2-A09201EN
PC4D10SNIP0F Series
■ Electro-optical Characteristics
■ Absolute Maximum Ratings
(Ta=25˚C)
Parameter
Symbol
Rating
Unit
Input
*1 Forward current
IF
20
mA
Reverse voltage
VR
5V
Power dissipation
P1
40
mW
Output
Supply voltage
VCC
7V
Output collector voltage
VO
7V
Output collector current
IO
50
mA
*1 Output collector power dissipation
PC
60
mW
Operating temperature
Topr
−40 to +85
̊C
Storage temperature
Tstg
−55 to +125
̊C
*2 Isolation voltage
Viso(rms)
3.75
kV
*3 Soldering temperature
Tsol
270
̊C
*1 No delating required up to 85˚C
*2 40 to 60%RH, AC for 1minute, f=60Hz
*3 For 10s
(Unless otherwise specified Ta=−40 to 85˚C)
Parameter
Symbol
Condition
MIN.
TYP.
*4
MAX.
Unit
Forward voltage
VF
Ta=25˚C, IF=10mA
1.4
1.5
1.75
V
IF=10mA
1.3
1.8
Reverse current
IR
Ta=25̊C, VR=5V
−−
10
μA
Terminal capacitance
Ct
Ta=25̊C, V=0, f=1MHz
60
150
pF
Low level output voltage
VOL
IOL=13mA, VCC=5.5V, VE=2V, IF=5mA
0.4
0.6
V
High level output current
IOH
VCC=VO=5.5V, IF=250μA
0.02
100
μA
Low level supply current
ICCL
VCC=5.5V, IF=10mA
13
21
mA
High level supply current
ICCH
VCC=5.5V, IF=0
10
15
mA
"High→Low" input threshold current
IFHL
VCC=5V, VO=0.6V, RL=350Ω−
2.5
5
mA
Isolation resistance
RISO
Ta=25̊C, DC500V, 40 to 60%RH
5×10
10
10
11
−Ω
Floating capacitance
Cf
Ta=25̊C, V=0, f=1MHz
0.6
pF
"High→Low"
propagation delay time
tPHL
VCC=5V, IF=7.5mA,
RL=350W, CL=15pF
−−
100
ns
Ta=25˚C
254875
ns
"Low→High"
propagation delay time
tPLH
−−
100
ns
Ta=25˚C
255075
ns
*6 Distortion of pulse width
ΔtW
3.5
35
ns
Rise time
tr
20
ns
Fall time
tf
10
ns
Propagation delay skew
tPSK
−−
40
ns
Instantaneous common mode rejection
voltage (High level output)
CMH
IF=0,
VO(Min)=2V,
Ta=25̊C, VCC=5V,
VCM=1kV(P-P),
RL=350Ω
10
20
kV/μs
Instantaneous common mode rejection
voltage (Low level output)
CML
IF=7.5mA,
VO(MAX)=0.8V
−10
−20
kV/μs
*4 All typical values at VCC=5V, Ta=25˚C
*5 It shall connect a by-pass capacitor of 0.01μF or more between VCC (pin ➇) and GND (pin ➄) near the device, when it measures the transfer characteristics and the output side
characteristics
*6 Distortion of pulse width Δtw= | tPHL−tPLH |



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com