Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC4D10SNIP0F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC4D10SNIP0F
Description  High Speed 10Mb/s, High CMR Mini-fl at 2-channel Package OPIC Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC4D10SNIP0F Datasheet(HTML) 5 Page - Sharp Corporation

  PC4D10SNIP0F Datasheet HTML 1Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 2Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 3Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 4Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 5Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 6Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 7Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 8Page - Sharp Corporation PC4D10SNIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Sheet No.: D2-A09201EN
PC4D10SNIP0F Series
Fig.1 Test Circuit for Propagation Delay Time and Rise Time, Fall Time
Fig.2 Test Circuit for Instantaneous Common Mode Rejection Voltage
1
2
3
45
6
7
8
350Ω
47Ω
IF
CL
VO
*CL contains probe and wiring capacity.
Timing diagram
Input
Output
90%
10%
7.5mA
3.75mA
0mA
5V
1.5V
IF
VO
tPHL
tPLH
VOL
tr
tf
Amp.
Amp.
350Ω
8
7
6
5
4
3
2
1
A
B
IF
CL
VCM
*CL contains probe and wiring capacity.
1kV
GND
5V
VCM
VO
VO
VOL
VO(MIN.)
GND
VO(MAX.)
VO
CMH
SW=at A, IF=0
CML
SW=at B, IF=7.5mA
Amp.
Amp.
+
Timing diagram
Fig.3 Forward Current vs.
Ambient Temperature
Fig.4 Output Collector Power Dissipation
vs. Ambient Temperature
Ambient temperature Ta (C)
0
5
10
15
20
25
−40
0
25
50
100
125
−25
75 85
Ambient temperature Ta (C)
0
20
40
60
80
100
−40
0
25
50
100
125
−25
75 85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com