Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAVRMC310 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATAVRMC310
Description  8-bit Microcontrollers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRMC310 Datasheet(HTML) 7 Page - ATMEL Corporation

  ATAVRMC310 Datasheet HTML 1Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 2Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 3Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 4Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 5Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 6Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 7Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 8Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
7803A–AVR–10/08
AVR601
5.
Availability & Ordering codes
To simplify the order entry, complete evaluation kits are also available:
MC320 includes the MC310 processor board, the MC300 power board and a small BLDC motor
(see figure 8)
MC321 includes the MC301 processor board , the MC300 power board and a small BLDC motor
MC323 includes the MC303 processor board , the MC300 power board and a small BLDC motor
Figure 5-1.
MC320 Evaluation kit
MC300, 301, 303, 310, 320, 321 and 323 have the following ordering codes:
• ATAVRMC300
• ATAVRMC301
• ATAVRMC303
• ATAVRMC310
• ATAVRMC320 (includes MC300, MC310, 12V BLDC motor and USB cable)
• ATAVRMC321 (includes MC300, MC301, 12V BLDC motor and USB cable)
• ATAVRMC323 (includes MC300, MC303, 12V BLDC motor and USB cable)
The ATAVRDB101 display and Human Machine Interface add on board is also available.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com