Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAVRMC310 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATAVRMC310
Description  8-bit Microcontrollers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRMC310 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATAVRMC310 Datasheet HTML 1Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 2Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 3Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 4Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 5Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 6Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 7Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 8Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AVR601: Atmel Modular Evaluation Kits for Motor
Control Applications
1.
Introduction
Following the success of the MC100 and MC200 motor control demonstration kits,
Atmel is expanding the support for motor control applications and presents a new
modular concept for Motor Control evaluation kits. As shown on figure 1, each motor
application is now supported by two or three evaluation boards:
• A power board providing the high current to the motor
• A processor board supporting one AVR microcontroller and the user interface
• An optional interface board which may be physically inserted between the Power
Board and the Processor Board for signal conditioning.
Figure 1-1.
System Architecture
Processor
Board
ATtiny861
ATMega32M
ATXmega
...
Interface
Board
(Optional for
Specific
Purpose)
Power Board
MOSFETs
SPM
B1
8
B2
8
B3
8
B4
8/16
A1
8
A2
8
A3
8
A4
8/16
USB
7803A–AVR–10/08
8-bit
Microcontrollers
Application Note


Similar Part No. - ATAVRMC310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATAVRMC100 ETC2-ATAVRMC100 Datasheet
134Kb / 2P
EVALUATE AND DESIGN BRUSHLESS DC MOTORS APPLICATIONS
logo
ATMEL Corporation
ATAVRMC200 ATMEL-ATAVRMC200 Datasheet
147Kb / 2P
AC Induction Motor Control Evaluation Kit
More results

Similar Description - ATAVRMC310

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
8-Bit Microcontrollers
logo
NXP Semiconductors
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
8-bit microcontrollers
1997 Dec 15
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
8-Bit Microcontrollers
logo
fujitsu semiconductor
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
8-Bit Microcontrollers
logo
fujitsu semiconductor
MB95430 FUJITSU-MB95430 Datasheet
2Mb / 56P
8-bit Microcontrollers
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
8-bit Microcontrollers
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
8-bit Microcontrollers
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com