Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATAVRMC310 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATAVRMC310
Description  8-bit Microcontrollers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAVRMC310 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATAVRMC310 Datasheet HTML 1Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 2Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 3Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 4Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 5Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 6Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 7Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 8Page - ATMEL Corporation ATAVRMC310 Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
7803A–AVR–10/08
AVR601
Figure 2-2.
MC303 with DB101 display and HMI top module
3.
MC300 low voltage power interface
This board, shown on figure 7, is intended to drive low voltage, medium power motors with fol-
lowing specifications:
• Voltage from 10 to 40 VDC.
• Current up to 6 Amperes (continuous load)
The power board supplies the processor board.
The board provides interface for Hall sensors or back EMF information to run sensorless control
of the motor.
The MC300, mainly targeted to drive BLDC and BLAC motors, can also be used with other
motors types like stepper motors.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com