Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SC5337
Description  NPN Silicon RF Transistor for High-Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5337 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SC5337 Datasheet HTML 1Page - Renesas Technology Corp 2SC5337 Datasheet HTML 2Page - Renesas Technology Corp 2SC5337 Datasheet HTML 3Page - Renesas Technology Corp 2SC5337 Datasheet HTML 4Page - Renesas Technology Corp 2SC5337 Datasheet HTML 5Page - Renesas Technology Corp 2SC5337 Datasheet HTML 6Page - Renesas Technology Corp 2SC5337 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2SC5337
R09DS0047EJ0300 Rev.3.00
Page 2 of 5
Sep 14, 2012
ELECTRICAL CHARACTERISTICS (TA = +25
°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
DC Characteristics
Collector Cut-off Current
ICBO
VCB = 20 V, IE = 0
–
0.01
5.0
μA
Emitter Cut-off Current
IEBO
VBE = 2 V, IC = 0
–
0.03
5.0
μA
DC Current Gain
hFE
Note 1
VCE = 10 V, IC = 50 mA
60
120
200
–
RF Characteristics
Insertion Power Gain
⏐S21e⏐2 VCE = 10 V, IC = 50 mA, f = 1 GHz
7.0
8.3
–
dB
Noise Figure (1)
NF
Note 2
VCE = 10 V, IC = 50 mA, f = 500 MHz
–
1.5
3.5
dB
Noise Figure (2)
NF
Note 2
VCE = 10 V, IC = 50 mA, f = 1 GHz
–
2.0
3.5
dB
2nd Order Intermoduration Distortion
IM2
VCE = 10 V, IC = 50 mA, RS = RL = 75
Ω,
Vin = 105 dB
μV/75 Ω, f1 = 190 MHz,
f2 = 90 MHz, f = f1
− f2
–
59.0
–
dB
3rd Order Intermoduration Distortion
IM3
VCE = 10 V, IC = 50 mA, RS = RL = 75
Ω,
Vin = 105 dB
μV/75 Ω, f1 = 190 MHz,
f2 = 200 MHz, f = 2
× f1 − f2
–
82.0
–
dB
Notes 1. Pulse measurement: PW
≤ 350
μs, Duty Cycle ≤ 2%
2. RS = RL = 50
Ω, tuned
hFE CLASSIFICATION
Rank
QR/YQR
QS/YQS
Marking
QR
QS
hFE Value
60 to 120
100 to 200
<R>
<R>



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com