Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SC5337
Description  NPN Silicon RF Transistor for High-Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5337 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SC5337 Datasheet HTML 1Page - Renesas Technology Corp 2SC5337 Datasheet HTML 2Page - Renesas Technology Corp 2SC5337 Datasheet HTML 3Page - Renesas Technology Corp 2SC5337 Datasheet HTML 4Page - Renesas Technology Corp 2SC5337 Datasheet HTML 5Page - Renesas Technology Corp 2SC5337 Datasheet HTML 6Page - Renesas Technology Corp 2SC5337 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
R09DS0047EJ0300 Rev.3.00
Page 1 of 5
Sep 14, 2012
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Preliminary Data Sheet
2SC5337
NPN Silicon RF Transistor for High-Frequency
Low Distortion Amplifier 4-Pin Power Minimold
FEATURES
• Low distortion: IM2 = 59.0 dB TYP., IM3 = 82.0 dB TYP. @ VCE = 10 V, IC = 50 mA
• Low noise
NF = 1.5 dB TYP. @ VCE = 10 V, IC = 50 mA, f = 500 MHz
NF = 2.0 dB TYP. @ VCE = 10 V, IC = 50 mA, f = 1 GHz
• 4-pin power minimold package with improved gain from the 2SC4536
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Supplying Form
2SC5337
2SC5337-AZ
25 pcs (Non reel)
• Magazine case
2SC5337-T1
2SC5337-T1-AZ
4-pin power
minimold
(Pb-Free)
Note
1 kpcs/reel
• 12 mm wide embossed taping
• Collector face the perforation side of the tape
Note Contains Lead in the part except the electrode terminals.
Remark To order evaluation samples, please contact your nearby sales office.
Unit sample quantity is 25 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
30
V
Collector to Emitter Voltage
VCEO
15
V
Emitter to Base Voltage
VEBO
3.0
V
Collector Current
IC
250
mA
Total Power Dissipation
Ptot
Note
2.0
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 16 cm
2
× 0.7 mm (t) ceramic substrate (Copper plating)
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
R09DS0047EJ0300
Rev.3.00
Sep 14, 2012
<R>


Similar Part No. - 2SC5337

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5337 NEC-2SC5337 Datasheet
59Kb / 8P
NPN EPITAXIAL SILICON TRANSISTOR HIGH FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5337 CEL-2SC5337 Datasheet
877Kb / 6P
NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
logo
Renesas Technology Corp
2SC5337-A RENESAS-2SC5337-A Datasheet
137Kb / 2P
RF & Microwave device
logo
California Eastern Labs
2SC5337-AZ CEL-2SC5337-AZ Datasheet
877Kb / 6P
NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
2SC5337-T1 CEL-2SC5337-T1 Datasheet
877Kb / 6P
NPN Silicon RF Transistor for High-Frequency Low Distortion Amplifier 4-Pin Power Minimold
More results

Similar Description - 2SC5337

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE486 NTE-NTE486 Datasheet
23Kb / 2P
Silicon NPN Transistor RF High Frequency Amplifier
logo
Motorola, Inc
MRF9011 MOTOROLA-MRF9011 Datasheet
475Kb / 7P
The Rf Line NPN Silicon High-Frequency Transistor
logo
List of Unclassifed Man...
BFR91 ETC1-BFR91 Datasheet
50Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR91A ETC1-BFR91A Datasheet
42Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
BFR93A ETC1-BFR93A Datasheet
59Kb / 4P
The RF Line NPN Silicon High-Frequency Transistor
logo
Renesas Technology Corp
2SC5336 RENESAS-2SC5336 Datasheet
180Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
2SC5338 RENESAS-2SC5338 Datasheet
186Kb / 10P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
California Eastern Labs
2SC5336 CEL-2SC5336 Datasheet
1Mb / 7P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW DISTORTION AMPLIFIER
logo
M/A-COM Technology Solu...
MRF313 MA-COM-MRF313_17 Datasheet
493Kb / 5P
The RF Line NPN Silicon High-Frequency Transistor
logo
Renesas Technology Corp
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com