Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5337 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5337
Description  NPN Silicon RF Transistor for High-Frequency
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5337 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5337 Datasheet HTML 1Page - Renesas Technology Corp 2SC5337 Datasheet HTML 2Page - Renesas Technology Corp 2SC5337 Datasheet HTML 3Page - Renesas Technology Corp 2SC5337 Datasheet HTML 4Page - Renesas Technology Corp 2SC5337 Datasheet HTML 5Page - Renesas Technology Corp 2SC5337 Datasheet HTML 6Page - Renesas Technology Corp 2SC5337 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SC5337
R09DS0047EJ0300 Rev.3.00
Page 3 of 5
Sep 14, 2012
TYPICAL CHARACTERISTICS (Unless otherwise specified, TA = +25
°C)
Mounted on Ceramic Substrate
(16 cm
2
× 0.7 mm (t) )
2.0
1.0
0
50
100
150
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
VCE = 10 V
Collector Current IC (mA)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
300
100
50
10
100
0.1
1
10
1 000
f = 1 MHz
Collector to Base Voltage VCB (V)
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
5.0
2.0
3.0
0.3
1.0
0.5
13
5
10
20
30
Collector Current IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
10
2
3
5
0.3
0.5
1
70 100
10
30
50
VCE = 10 V
f = 1 GHz
VCE = 10 V
f = 1 GHz
Collector Current IC (mA)
vs. COLLECTOR CURRENT
INSERTION POWER GAIN
10
5
0
10
30
50 70 100
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
80
100
20
40
60
0
10
20
IB = 0.6 mA
0.5 mA
0.4 mA
0.3 mA
0.2 mA
0.1 mA
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com