Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KE Datasheet(PDF) 1 Page - STMicroelectronics

Part # P6KE
Description  Transil?? transient voltage surge suppressor (TVS)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE Datasheet(HTML) 1 Page - STMicroelectronics

  P6KE Datasheet HTML 1Page - STMicroelectronics P6KE Datasheet HTML 2Page - STMicroelectronics P6KE Datasheet HTML 3Page - STMicroelectronics P6KE Datasheet HTML 4Page - STMicroelectronics P6KE Datasheet HTML 5Page - STMicroelectronics P6KE Datasheet HTML 6Page - STMicroelectronics P6KE Datasheet HTML 7Page - STMicroelectronics P6KE Datasheet HTML 8Page - STMicroelectronics P6KE Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This is information on a product in full production.
April 2012
Doc ID 3068 Rev 7
1/9
9
P6KE
Transil™, transient voltage surge suppressor (TVS)
Datasheet
− production data
Features
■ Peak pulse power: 600 W (10/1000 µs )
■ Stand-off voltage range 6.8 to 440 V
■ Unidirectional and bidirectional types
■ Low clamping factor
■ Fast response time
■ UL recognized
Complies with the following standards
■ IEC 61000-4-2 level 4
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G, method 3015-7 Class 3
– HBM (human body model)
Description
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such as
MOS Technology and low voltage supplied IC’s.
TM:Transil is a trademarks of STMicroelectronics.
DO-15
(DO-204AC)
www.st.com


Similar Part No. - P6KE

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE PANJIT-P6KE Datasheet
62Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Surge Components
P6KE SURGE-P6KE Datasheet
201Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-6.8 to 440 Volts?
logo
Transys Electronics
P6KE TRSYS-P6KE Datasheet
211Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P6KE WTE-P6KE Datasheet
62Kb / 5P
600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Rectron Semiconductor
P6KE RECTRON-P6KE Datasheet
1Mb / 5P
GPP TRANSIENT VOLTAGE SUPPRESSOR (600 WATT PEAK POWER 1.0 WATT STEADY STATE)
More results

Similar Description - P6KE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
Transient Voltage Suppressor: TRANSIL ?
Apr-2002
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
Transil, transient voltage suppressor
18-Apr-2008
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
transient voltage surge suppressor (TVS)
26-Apr-2012
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
Transil, transient voltage suppressor
21-Nov-2008
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
Transil, transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
Transil?? transient voltage surge suppressor (TVS)
26-Apr-2012
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
Transil?? transient voltage surge suppressor (TVS)
14-Dec-2012
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
Transil, transient voltage surge suppressor (TVS)
26-Apr-2012
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
Automotive single-line low capacitance Transil™, transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com