Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKSZ10-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5246BKSZ10-R2
Description  128-Position I2C-Compatible Digital Resistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKSZ10-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5246BKSZ10-R2 Datasheet HTML 5Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 6Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 7Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 8Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 9Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 10Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 11Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 12Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD5246
Rev. C | Page 9 of 16
TEMPERATURE (
°C)
–40
0.01
0.1
1
10
–25
–10
100
5
20
35
50
65
80
95
110
125
VDD = 5.5V
VDD = 2.7V
DIGITAL INPUTS = 0V
CODE = 0x40
Figure 9. Supply Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
1
9
17 25 33 41 49 57 65 73 81 89 97 105 113 121
CODE (Decimal)
5V
2.7V
IWB = 200µA
RAB = 10kΩ
Figure 10. Rheostat Mode Tempco ∆RWB/∆T vs. Code
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
0x40
1k
–48
0x20
0x10
0x08
0x04
0x02
0x01
FREQUENCY (Hz)
Figure 11. Gain vs. Frequency vs. Code, RAB = 5 kΩ
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
0x40
1k
–48
0x20
0x10
0x08
0x04
0x02
0x01
FREQUENCY (Hz)
Figure 12. Gain vs. Frequency vs. Code, RAB = 10 kΩ
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
0x40
1k
–48
0x20
0x10
0x08
0x04
0x02
0x01
FREQUENCY (Hz)
Figure 13. Gain vs. Frequency vs. Code, RAB = 50 kΩ
10k
–6
–12
–18
–24
–30
–36
0
–42
–54
100k
1M
10M
–60
0x40
1k
–48
0x20
0x10
0x08
0x04
0x02
0x01
FREQUENCY (Hz)
Figure 14. Gain vs. Frequency vs. Code, RAB = 100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com