Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKSZ10-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5246BKSZ10-R2
Description  128-Position I2C-Compatible Digital Resistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKSZ10-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5246BKSZ10-R2 Datasheet HTML 8Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 9Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 10Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 11Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 12Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 13Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 14Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 15Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD5246
Data Sheet
Rev. C | Page 14 of 16
A repeated write function gives the user flexibility to update the
RDAC output a number of times after addressing the part only
once. For example, after the RDAC has acknowledged its slave
address in write mode, the RDAC output updates on each succes-
sive byte. If different instructions are needed, the write/read mode
has to start again with a new slave address and data byte.
Similarly, a repeated read function of the RDAC is also allowed.
LEVEL SHIFTING FOR BIDIRECTIONAL INTERFACE
While most legacy systems may be operated at one voltage,
a new component may be optimized at another. When two
systems operate the same signal at two different voltages, proper
level shifting is needed. For instance, one can use a 1.8 V
E2PROM to interface with a 5 V digital potentiometer. A level
shifting scheme is needed to enable a bidirectional communi-
cation so that the setting of the digital potentiometer can be
stored to and retrieved from the E2PROM. Figure 30 shows
one of the implementations. M1 and M2 can be any N channel
signal FETs, or if VDD falls below 2.5 V, M1 and M2 can be low
threshold FETs such as the FDV301N.
E2PROM
AD5246
SDA1
SCL1
D
G
RP
RP
1.8V
5V
S
M1
SCL2
SDA2
RP
RP
G
S
M2
VDD1 = 1.8V
VDD2 = 5V
D
Figure 30. Level Shifting for Operation at Different Potentials
ESD PROTECTION
All digital inputs are protected with a series input resistor
and parallel Zener ESD structures, as shown in Figure 31.
This applies to the digital input pins SDA and SCL.
LOGIC
340
GND
Figure 31. ESD Protection of Digital Pins
TERMINAL VOLTAGE OPERATING RANGE
The AD5246 VDD and GND power supply defines the boundary
conditions for proper 3-terminal digital potentiometer
operation. Supply signals present on Terminal B and
Terminal W that exceed VDD or GND are clamped by
the internal forward biased diodes (see Figure 32).
B
VDD
W
GND
Figure 32. Maximum Terminal Voltages Set by VDD and GND
MAXIMUM OPERATING CURRENT
At low code values, the user should be aware that due to low
resistance values, the current through the RDAC may exceed
the 5 mA limit. In Figure 33, a 5 V supply is placed on the
wiper, and the current through Terminal W and Terminal B is
plotted with respect to code. A line is also drawn denoting the
5 mA current limit. Note that at low code values (particularly
for the 5 kΩ and 10 kΩ options), the current level increases
significantly. Care should be taken to limit the current flow
between W and B in this state to a maximum continuous
current of 5 mA and a maximum pulse current of no more than
20 mA. Otherwise, degradation or possible destruction of the
internal switch contacts can occur.
CODE (Decimal)
0
0.01
0.1
1
10
16
32
48
64
80
96
112
128
100
5mA CURRENT LIMIT
RAB = 5kΩ
RAB = 10kΩ
RAB = 100kΩ
RAB = 50kΩ
Figure 33. Maximum Operating Current
POWER-UP SEQUENCE
Since the ESD protection diodes limit the voltage compliance
at Terminal B and Terminal W (see Figure 32), it is important
to power VDD/GND before applying any voltage to Terminal B
and Terminal W; otherwise, the diode is forward biased such
that VDD is powered unintentionally and may affect the rest of
the user’s circuit. The ideal power-up sequence is in the follow-
ing order: GND, VDD, digital inputs, and then VB/VW. The
relative order of powering VB and VW and the digital inputs
is not important, providing they are powered after VDD/GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com