Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5246BKSZ10-R2 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5246BKSZ10-R2
Description  128-Position I2C-Compatible Digital Resistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5246BKSZ10-R2 Datasheet(HTML) 2 Page - Analog Devices

  AD5246BKSZ10-R2 Datasheet HTML 1Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 2Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 3Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 4Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 5Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 6Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 7Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 8Page - Analog Devices AD5246BKSZ10-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AD5246
Data Sheet
Rev. C | Page 2 of 16
TABLE OF CONTENTS
Specifications..................................................................................... 3
Electrical Characteristics—5 kΩ Version.................................. 3
Electrical Characteristics—10 kΩ, 50 kΩ, 100 kΩ Versions .. 4
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 6
ESD CAUTION ............................................................................ 6
Pin Configuration and Function Descriptions............................. 7
Typical Performance Characteristics ............................................. 8
Test Circuits..................................................................................... 11
I2C Interface..................................................................................... 12
Operation......................................................................................... 13
Programming the Variable Resistor......................................... 13
I2C Compatible 2-Wire Serial Bus ........................................... 13
Level Shifting for Bidirectional Interface................................ 14
ESD Protection ........................................................................... 14
Terminal Voltage Operating Range ......................................... 14
Maximum Operating Current .................................................. 14
Power-Up Sequence ................................................................... 14
Layout and Power Supply Bypassing ....................................... 15
Constant Bias to Retain Resistance Setting............................. 15
Outline Dimensions....................................................................... 16
Ordering Guide .......................................................................... 16
REVISION HISTORY
5/12—Rev. B to Rev. C
Changes to Features and General Description Sections.............. 1
Changes to IDD Parameters, Table 1................................................ 3
Changes to IDD Parameters, Table 2................................................ 4
Changes to Figure 10........................................................................ 9
Removed Evaluation Board Section............................................. 15
Changes to Ordering Guide .......................................................... 16
8/09—Rev. A to Rev. B
Changes to Power Supply Sensitivity Parameter ..........................3
Updated Outline Dimensions........................................................16
Changes to Ordering Guide...........................................................16
7/05—Rev. 0 to Rev. A
Changes to Table 1 ............................................................................3
Changes to Table 2 ............................................................................4
Changes to Absolute Maximum Ratings .......................................6
Moved Pin Configuration and Function Descriptions ................7
Deleted Table 7 ................................................................................12
Changes to Operation Section.......................................................13
Deleted Figure 31.............................................................................14
Changes to Figure 30 and Figure 32 .............................................14
9/03—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com