Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ100-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5290YRMZ100-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ100-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5290YRMZ100-R7 Datasheet HTML 3Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 4Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 5Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 6Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 7Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 8Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 9Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 10Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD5290
Rev. C | Page 7 of 20
INTERFACE TIMING CHARACTERISTICS
Table 3.
Parameter 1, 2
Symbol
Conditions
Min
Typ
Max
Unit
Clock Frequency
fCLK
4
MHz
Input Clock Pulse Width
tCH, tCL
Clock level high or low
120
ns
Data Setup Time
tDS
30
ns
Data Hold Time
tDH
20
ns
CLK to SDO Propagation Delay3
tPD
RPull-up = 2.2 kΩ, CL < 20 pF
10
100
ns
CS Setup Time
tCSS
120
ns
CS High Pulse Width
tCSW
150
ns
CLK Fall to CS Fall Hold Time
tCSH0
10
ns
CLK Rise to CS Rise Hold Time
tCSH
120
ns
CS Rise to Clock Rise Setup
tCS1
120
ns
1
See Figure 3 for the location of the measured values. All input control voltages are specified with tR = tF = 1 ns (10% to 90% of VDD) and timed from a voltage level of
1.6 V. Switching characteristics are measured using VDD = +15 V and VSS = −15 V.
2
Guaranteed by design and not subject to production test.
3
Propagation delay depends on the value of VDD, RPull-up, and CL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com