Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ100-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5290YRMZ100-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ100-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5290YRMZ100-R7 Datasheet HTML 12Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 13Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 14Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 15Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 16Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 17Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 18Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 19Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD5290
Rev. C | Page 17 of 20
ESD PROTECTION
All digital inputs are protected with a series input resistor and
a Zener ESD structure, as shown in Figure 30. These structures
apply to digital input pins, Pin CS, Pin CLK, Pin SDI, and
Pin SDO.
LOGIC
340
Ω
GND
Figure 30. Equivalent ESD Protection Circuit
All analog terminals are also protected by Zener ESD protection
diodes, as shown in Figure 31.
VSS
VDD
A
W
B
Figure 31. Equivalent ESD Protection Analog Pins
TERMINAL VOLTAGE OPERATING RANGE
The AD5290 VDD and VSS power supplies define the boundary
conditions for proper 3-terminal digital potentiometer opera-
tion. The AD5290 can operate in single supply from +4.5 V to
+33 V or dual supply from ±4.5 V to ±16.5 V. The AD5290 is
functional at low supply voltages such as 4.5 V, but the
performance parameters are not guaranteed.
The voltages present on Terminal A, Terminal B, and Terminal W
that are more positive than VDD or more negative than VSS are
clamped by the internal forward-biased diodes (Figure 31).
POWER-UP AND POWER-DOWN SEQUENCES
Because of the ESD protection diodes that limit the voltage
compliance at Terminal A, Terminal B, and Terminal W
(Figure 31), it is important to power VDD/VSS before applying
any voltage to Terminal A, Terminal B, and Terminal W.
Otherwise, the diodes are forward-biased such that VDD/VSS
are powered unintentionally and affect the system. Similarly,
VDD/VSS should be powered down last. The ideal power-up
sequence is as follows: GND, VDD, VSS, digital inputs, and
VA/VB/VW. The order of powering VA, VB, VW, and the digital
inputs is not important, as long as they are powered after
VDD/VSS.
LAYOUT AND POWER SUPPLY BIASING
It is good practice to use a compact, minimum lead-length
layout design. The leads to the input should be as direct as
possible, with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is also good practice to bypass the power supplies
with quality capacitors. Low equivalent series resistance (ESR),
1 µF to 10 µF tantalum or electrolytic capacitors, should be
applied at the supplies to minimize any transient disturbance
and to filter low frequency ripple. Figure 32 illustrates the basic
supply-bypassing configuration for the AD5290.
The ground pin of the AD5290 is a digital ground reference.
To minimize the digital ground bounce, the AD5290 digital
ground terminal should be joined remotely to the analog
ground (Figure 32).
VDD
VDD
VSS
VSS
GND
C3
AD5290
C4
C1
+
+
C2
10
µF
10
µF
0.1
µF
0.1
µF
Figure 32. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com