Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5290YRMZ100-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5290YRMZ100-R7
Description  Compact 30 V / 15,-15 V 256-Position Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5290YRMZ100-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5290YRMZ100-R7 Datasheet HTML 12Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 13Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 14Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 15Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 16Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 17Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 18Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 19Page - Analog Devices AD5290YRMZ100-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD5290
Data Sheet
Rev. C | Page 16 of 20
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider
at wiper to B and wiper to A proportional to the input voltage
at A to B. Unlike the polarity of VDD to GND, which must be
positive, voltage across A to B, W to A, and W to B can be at
either polarity.
A
VI
W
B
VO
Figure 28. Potentiometer Mode Configuration
If ignoring the effect of the wiper resistance for simplicity, con-
necting the A terminal to 30 V and the B terminal to ground
produces an output voltage at the Wiper W to Terminal B
ranging from 0 V to 1 LSB less than 30 V. Each LSB of voltage
is equal to the voltage applied across Terminal A and Terminal B,
divided by the 256 positions of the potentiometer divider. The
general equation defining the output voltage at VW with respect
to ground for any valid input voltage applied to Terminal A and
Terminal B is
B
A
W
V
D
V
D
D
V
×
+
×
=
256
256
256
)
(
(3)
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly on
the ratio of the internal resistors RWA and RWB and not the
absolute values. Therefore, the temperature drift reduces to
5 ppm/°C.
3-WIRE SERIAL BUS DIGITAL INTERFACE
The AD5290 contains a 3-wire digital interface (CS, CLK,
and SDI). The 8-bit serial word must be loaded MSB first.
The format of the word is shown in Table 4. The positive edge
sensitive CLK input requires clean transitions to avoid clocking
incorrect data into the serial input register. Standard logic fami-
lies work well. When CS is low, the clock loads data into the
serial register on each positive clock edge.
The data setup and data hold times in the Specifications section
determine the valid timing requirements. The AD5290 uses an
8-bit serial input data register word that is transferred to the
internal RDAC register when the CS line returns to logic high.
Extra MSB bits are ignored.
DAISY CHAIN OPERATION
SDO shifts out the SDI content in the previous frame; thus it
can be used for daisy-chaining multiple devices. The SDO pin
contains an open drain N-Ch MOSFET and requires a pull-
up resistor if the SDO function is used. Users need to tie the
SDO pin of one package to the SDI pin of the next package.
Users may need to increase the clock period because the pull-up
resistor and the capacitive loading at the SDO to SDI interface
can induce time delay to the subsequent devices.
For example, in Figure 29, if two AD5290s are daisy-chained, a
total of 16 bits of data are required for each operation. The first
set of eight bits goes to U2, and the second set of eight bits goes
to U1. The CS should be kept low until all 16 bits are clocked
into their respective serial registers. The CS is then pulled high
to complete the operation.
AD5290
U1
SDO
SDI
CLK
CS
AD5290
U2
SDO
SDI
CLK
CS
µC
+5V
RPU
2.2kΩ
MOSI
SS
SCLK
Figure 29. Daisy Chain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com