Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9670EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9670EBZ
Description  Octal Ultrasound AFE With Digital Demodulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9670EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9670EBZ Datasheet HTML 1Page - Analog Devices AD9670EBZ Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Octal Ultrasound AFE
With Digital Demodulator
Data Sheet
AD9670
Rev. Sp0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
8 channels of LNA, VGA, AAF, ADC, and digital demodulator/
decimator
Low power: 150 mW per channel, TGC mode, 40 MSPS;
65 mW per channel, CW mode; <30 mW at power-up
10 mm × 10 mm, 144-ball CSP-BGA
TGC channel input-referred noise: 0.8 nV/
√Hz, maximum gain
Flexible power-down modes
Fast recovery from low power standby mode: <2 μs
Low noise preamplifier (LNA)
Input-referred noise: 0.78 nV/√Hz, gain = 21.6 dB
Programmable gain: 15.6 dB/17.9 dB/21.6 dB
0.1 dB compression: 1.00 V p-p/.75 V p-p/.45 V p-p
Flexible active input impedance matching
Variable gain amplifier (VGA)
Attenuator range: 45 dB, linear-in-dB gain control
Postamp gain (PGA): 21 dB/24 dB/27 dB/30 dB
Antialiasing filter (AAF)
Programmable second-order LPF from 8 MHz to 18 MHz or
13.5 MHz to 30 MHz and HPF
Analog-to-digital converter (ADC)
SNR: 75 dB, 14 bits up to 125 MSPS
Configurable serial LVDS
CW mode harmonic rejection I/Q demodulator
Individual programmable phase rotation
Dynamic range per channel: >160 dBc/√Hz
Close-in SNR: 156 dBc/√Hz, 1 kHz offset, −3 dBFS
Digital demodulator/decimator
I/Q demodulator with programmable oscillator FIR
decimation filter: 16 taps per decimation factor
GENERAL DESCRIPTION
The AD9670 is designed for low cost, low power, small size, and
ease of use for medical ultrasound. It contains eight channels of a
variable gain amplifier (VGA) with a low noise preamplifier (LNA),
a CW harmonic rejection I/Q demodulator with programmable
phase rotation, an antialiasing filter (AAF), an analog-to-digital
converter (ADC), and a digital demodulator and decimator for
data processing and bandwidth reduction.
Each channel features a maximum gain of up to 52 dB, a fully
differential signal path, and an active input preamplifier termination.
The channel is optimized for high dynamic performance and
low power in applications where a small package size is critical.
The LNA has a single-ended-to-differential gain that is selectable
through the SPI. Assuming a 15 MHz noise bandwidth (NBW) and
a 21.6 dB LNA gain, the LNA input SNR is 94 dB. In CW Doppler
mode, each LNA output drives an I/Q demodulator that has inde-
pendently programmable phase rotation with 16 phase settings.
Power-down of individual channels is supported to increase battery
life for portable applications. Standby mode allows quick power-
up for power cycling. In CW Doppler operation, the VGA, AAF,
and ADC are powered down. The ADC contains several features
designed to maximize flexibility and minimize system cost, such as
a programmable clock, data alignment, and programmable digital
test pattern generation. The digital test patterns include built-in
fixed patterns, built-in pseudorandom patterns, and custom
user-defined test patterns entered via the serial port interface.
This product is protected by a U.S. patent.
FUNCTIONAL BLOCK DIAGRAM
AAF
VGA
LNA
CWD AND I/Q
DEMODULATOR
8 CHANNELS
SERIAL
PORT
INTERFACE
DATA
RATE
MULTIPLIER
REFERENCE
LO
GENERATION
LO-A TO LO-H
LOSW-A TO LOSW-H
LI-A TO LI-H
LG-A TO LG-H
DOUTA+ TO DOUTH+
DOUTA– TO DOUTH–
DVDD
DRVDD
NCO
CWQ+
CWQ–
CWI+
CWI–
STBY
PDWN
AVDD2
AVDD1
FCO–
FCO+
DCO+
DCO–
SERIALIZER
LVDS
DEMODULATOR/
DECIMATOR
14-BIT
ADC
AD9670
Figure 1.
For more information about the AD9670, contact Analog Devices, Inc., at highspeed.converters@analog.com.


Similar Part No. - AD9670EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9670EBZ AD-AD9670EBZ Datasheet
828Kb / 53P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9670EBZ AD-AD9670EBZ Datasheet
963Kb / 48P
Octal Ultrasound Analog Front End
23-Feb-2017
More results

Similar Description - AD9670EBZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2036 MAXIM-MAX2036 Datasheet
303Kb / 23P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 0; 1/09
MAX2036 MAXIM-MAX2036_1 Datasheet
614Kb / 25P
Ultrasound VGA Integrated with CW Octal Mixer
Rev 1; 6/09
logo
Texas Instruments
LM96511 TI1-LM96511 Datasheet
6Mb / 66P
Ultrasound Receive Analog Front End (AFE)
logo
Analog Devices
AD9674 AD-AD9674 Datasheet
107Kb / 2P
Octal Ultrasound AFE with Digital Demodulator
Rev. Sp0
AD9675 AD-AD9675 Datasheet
80Kb / 2P
Octal Ultrasound AFE with JESD204B
Rev. PrB
logo
Texas Instruments
AFE5816 TI1-AFE5816 Datasheet
2Mb / 162P
16-Channel Ultrasound AFE
logo
Analog Devices
AD9670 AD-AD9670_17 Datasheet
828Kb / 53P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9671 AD-AD9671 Datasheet
937Kb / 61P
Octal Ultrasound AFE with Digital Demodulator
08-Aug-2017
AD9675 AD-AD9675_17 Datasheet
842Kb / 61P
Octal Ultrasound AFE with JESD204B
23-Feb-2017
logo
Maxim Integrated Produc...
MAX2038 MAXIM-MAX2038_V01 Datasheet
331Kb / 24P
Ultrasound VGA Integrated with CW Octal Mixer
19-4375; Rev 1; 5/10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com