Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9848AKST Datasheet(PDF) 23 Page - Analog Devices

Part # AD9848AKST
Description  CCD Signal Processors with Integrated Timing Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848AKST Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9848AKST Datasheet HTML 19Page - Analog Devices AD9848AKST Datasheet HTML 20Page - Analog Devices AD9848AKST Datasheet HTML 21Page - Analog Devices AD9848AKST Datasheet HTML 22Page - Analog Devices AD9848AKST Datasheet HTML 23Page - Analog Devices AD9848AKST Datasheet HTML 24Page - Analog Devices AD9848AKST Datasheet HTML 25Page - Analog Devices AD9848AKST Datasheet HTML 26Page - Analog Devices AD9848AKST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
REV. A
AD9848/AD9849
–23–
Recommended Power-Up Sequence
When the AD9848 and AD9849 are powered up, the following
sequence is recommended (refer to Figure 14 for each step).
1. Turn on power supplies for AD9848/AD9849.
2. Apply the master clock input CLI, VD, and HD.
3. The Precision Timing core must be reset by writing a “0” to the
TGCORE_RSTB Register (Address x026) followed by writing
a “l” to the TGCORE_RSTB Register. This will start the inter-
nal timing core operation. Next, initialize the internal circuitry
by first writing “110101” or “53” decimal to the INITIAL1
Register (Address x020). Finally, write “000100” or “4” deci-
mal to the INITIAL2 Register (Address x00F).
4. Write a “1” to the PREVENTUPDATE Register (Address x019).
This will prevent the updating of the serial register data.
5. Write to desired registers to configure high speed timing and
horizontal timing.
6. Write a “1” to the OUT_CONT Register (Address x016). This
will allow the outputs to become active after the next VD/HD
rising edge.
7. Write a “0” to the PREVENTUPDATE Register (Address
x019). This will allow the serial information to be updated
at next VD/HD falling edge.
8. The next VD/HD falling edge allows register updates to occur,
including OUT_CONT, which enables all clock outputs.
ANALOG FRONT END DESCRIPTION AND OPERATION
The AD9848/AD9849 signal processing chain is shown in
Figure 15. Each processing step is essential in achieving a high
quality image from the raw CCD pixel data.
DC Restore
To reduce the large dc offset of the CCD output signal, a dc restore
circuit is used with an external 0.1
µF series coupling capacitor.
This restores the dc level of the CCD signal to approximately 1.5 V
to be compatible with the 3 V analog supply signal of the
AD9848/AD9849.
Correlated Double Sampler
The CDS circuit samples each CCD pixel twice to extract the
video information and reject low frequency noise. The timing
shown in Figure 6 illustrates how the two internally generated CDS
clocks, SHP and SHD, are used to sample the reference level
and data level of the CCD signal, respectively. The placement
of the SHP and SHD sampling edges is determined by the setting
of the SHPPOSLOC and SHDPOSLOC Registers located at
Address 0xF0 and 0xF1, respectively. Placement of these two clock
signals is critical to achieve the best performance from the CCD.
Input Clamp
A line-rate input clamping circuit removes the CCD’s optical black
offset. This offset exists in the CCD’s shielded black reference
pixels. The AD9848/AD9849 removes this offset in the input
stage to minimize the effect of a gain change on the system black
level, usually called the “gain step.” Another advantage of remov-
ing this offset at the input stage is to maximize system headroom.
Some area CCDs have large black level offset voltages that can
significantly reduce the available headroom in the internal circuitry
when higher VGA gain settings are used, if not corrected after
the input stage.
Horizontal timing examples are shown on the last page of the
Applications Information section. It is recommended that the
CLPDM pulse be used during valid CCD dark pixels. CLPDM
may be used during the optical black pixels, either together with
CLPOB or separately. The CLPDM pulse should be a minimum
of four pixels wide.
POWER-UP PROCEDURE
VDD
(INPUT)
SERIAL
WRITES
VD
(OUTPUT)
1 H
ODD FIELD
EVEN FIELD
...
...
DIGITAL
OUTPUTS
CLOCKS ACTIVE WHEN OUT_CONT REGISTER IS
UPDATED AT VD/HD EDGE
H1/H3, RG
H2/H4
tPWR
CLI
(INPUT)
HD
(OUTPUT)
1V
...
...
Figure 14. Recommended Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com