Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9848AKST Datasheet(PDF) 29 Page - Analog Devices

Part # AD9848AKST
Description  CCD Signal Processors with Integrated Timing Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848AKST Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9848AKST Datasheet HTML 24Page - Analog Devices AD9848AKST Datasheet HTML 25Page - Analog Devices AD9848AKST Datasheet HTML 26Page - Analog Devices AD9848AKST Datasheet HTML 27Page - Analog Devices AD9848AKST Datasheet HTML 28Page - Analog Devices AD9848AKST Datasheet HTML 29Page - Analog Devices AD9848AKST Datasheet HTML 30Page - Analog Devices AD9848AKST Datasheet HTML 31Page - Analog Devices AD9848AKST Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
REV. A
AD9848/AD9849
–29–
Driving the CLI Input
The AD9848/AD9849’s master clock input (CLI) may be used in
two different configurations, depending on the application.
Figure 23a shows a typical dc-coupled input from the master clock
source. When the dc-coupled technique is used, the master clock
signal should be at standard 3 V CMOS logic levels. As shown in
Figure 23b, a 1000 pF ac-coupling capacitor may be used between
the clock source and the CLI input. In this configuration, the
CLI input will self-bias to the proper dc voltage level of approxi-
mately 1.4 V. When the ac-coupled technique is used, the
master clock signal can be as low as
±500 mV in amplitude.
17
CCD IMAGER
SIGNAL
OUT
18
13
14
20
29
H2
RG
H3
H4
H1
H2
H1
RG
AD9848/AD9849
CCDIN
Figure 22a. CCD Connections (2 H-Clock)
3V
DIGITAL
SUPPLY
SERIAL
INTERFACE
3
CCD
SIGNAL
CLOCK
INPUTS
6
0.1 F
36
35
34
33
32
31
30
29
28
27
26
25
3V
DRIVER
SUPPLY
13 14 15 16
CLOCK
INPUT
17 18 19 20 21 22 23 24
1
2
RG DRIVER
SUPPLY
3
H DRIVER
SUPPLY
4
5
6
7
8
9
10
11
3V
ANALOG
SUPPLY
12
48 47 46 45 44
39 38 37
43 42 41 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
SL
REFT
REFB
CMLEVEL
0.1 F
AVSS3
AVDD3
BYP3
D2
D3
1 F
D4
D5
D6
DVSS3
1 F
DVDD3
D7
D8
D9
D10
CCDIN
BYP2
BYP1
AVDD2
AD9849
(MSB) D11
AVSS2
3V
ANALOG
SUPPLY
0.1 F
3V
ANALOG
SUPPLY
DATA
OUTPUTS
12
0.1 F 0.1 F 0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
0.1 F
HIGH SPEED
CLOCKS
5
Figure 21. Recommend Circuit Configuration for External Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com