Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9848AKST Datasheet(PDF) 24 Page - Analog Devices

Part # AD9848AKST
Description  CCD Signal Processors with Integrated Timing Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9848AKST Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9848AKST Datasheet HTML 20Page - Analog Devices AD9848AKST Datasheet HTML 21Page - Analog Devices AD9848AKST Datasheet HTML 22Page - Analog Devices AD9848AKST Datasheet HTML 23Page - Analog Devices AD9848AKST Datasheet HTML 24Page - Analog Devices AD9848AKST Datasheet HTML 25Page - Analog Devices AD9848AKST Datasheet HTML 26Page - Analog Devices AD9848AKST Datasheet HTML 27Page - Analog Devices AD9848AKST Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
REV. A
AD9848/AD9849
–24–
0.1 F
0.1 F
0.1 F
1.0 F
1.0 F
0.1 F
0.1 F
0dB TO 36dB
CLPDM
CCDIN
DIGITAL
FILTER
CLPOB
DC RESTORE
OPTICAL BLACK
CLAMP
VGA
8-BIT
DAC
CLAMP LEVEL
REGISTER
8
VGA GAIN
REGISTER
10
CDS
INTERNAL
VREF
2V FULL SCALE
–2dB TO +10dB
10/12
PRECISION
TIMING
GENERATION
BYP1
BYP 2
SHP
SHD
PxGA
1.5V
OUTPUT
DATA
LATCH
REFT
REFB
DOUT
PHASE
V-H
TIMING
GENERATION
SHP SHD
DOUT
PHASE
CLPDM CLPOB PBLK
PBLK
1.0V
2.0V
DOUT
BYP 3
INPUT OFFSET
CLAMP
CML
AVDD
2
INTERNAL
BIASING
AD9848/AD9849
10-/12-BIT
ADC
Figure 15. Analog Front End Block Diagram
22
0
33
1
1
VD
NOTES
1. VD FALLING EDGE WILL RESET THE PxGA GAIN REGISTER STEERING TO “0101” LINE.
2. HD FALLING EDGES WILL ALTERNATE THE PxGA GAIN REGISTER STEERING BETWEEN “0101” AND “2323” LINES.
3. FLD STATUS IS IGNORED.
HD
11
0
X
X
PxGA GAIN
REGISTER
FLD
0
ODD FIELD
EVEN FIELD
02
2
0
33
1
1
11
0
0
0
0
Figure 16a. Mosaic Separate Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com