Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852AST Datasheet(PDF) 44 Page - Analog Devices

Part # AD9852AST
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852AST Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9852AST Datasheet HTML 40Page - Analog Devices AD9852AST Datasheet HTML 41Page - Analog Devices AD9852AST Datasheet HTML 42Page - Analog Devices AD9852AST Datasheet HTML 43Page - Analog Devices AD9852AST Datasheet HTML 44Page - Analog Devices AD9852AST Datasheet HTML 45Page - Analog Devices AD9852AST Datasheet HTML 46Page - Analog Devices AD9852AST Datasheet HTML 47Page - Analog Devices AD9852AST Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
AD9852
Rev. E | Page 44 of 52
Table 15. AD9852 Customer Evaluation Board (AD9852 PCB > U1 = AD9852ASVZ)
Item
Qty
Reference
Designator
Device
Package
Value
Min
Tol
Manufacturer
Manufacturer Part No.
1
3
C1, C2, C45
Capacitor 0805
805
0.01 μF,
50 V, X7R
10%
Kemet Corp.
C0805C103K5RACTU
2
21
C7, C8, C9, C10,
C11, C12, C13,
C14, C16, C17,
C18, C19, C20,
C22, C23, C24,
C26, C27, C28,
C29, C44
Capacitor 0603
603
0.1 μF,
50 V, X7R
10%
Murata
Manufacturing
Co., Ltd.
GRM188R71H104KA93D
3
2
C4, C37
Capacitor 1206
1206
27 pF,
50 V,
NPO
5%
Yageo Corporation
CC1206JRNPO9BN270
4
2
C5, C38
Capacitor 1206
1206
47 pF,
50 V,
NPO
5%
Yageo Corporation
CC1206JRNPO9BN470
5
3
C6, C21, C25
Capacitor TAJC
TAJC
10 μF,
16 V, TAJ
10%
AVX
TAJC106K016R
6
2
C30, C39
Capacitor 1206
1206
39 pF,
50 V,
NPO
5%
Yageo Corporation
CC1206JRNPO9BN390
7
2
C31, C40
Capacitor 1206
1206
22 pF,
50 V,
NPO
5%
Yageo Corporation
CC1206JRNPO9BN220
8
2
C32, C41
Capacitor 1206
1206
2.2 pF,
50 V,
NPO
0.25
pF
Yageo Corporation
CC1206CRNPO9BN2R2
9
2
C33, C42
Capacitor 1206
1206
12 pF,
50 V,
NPO
5%
Yageo Corporation
1206CG120J9B200
10
2
C34, C43
Capacitor 1206
1206
8.2 pF,
50 V,
NPO
0.5 pF
Yageo Corporation
CC1206DRNPO9BN8R2
11
9
J1, J2, J3, J4, J5,
J6, J7, J25, J26
SMB
STR-PC
MNT
N/A
N/A
Emerson/Johnson
131-3701-261
12
1
J10
40-pin header
Header 40
N/A
N/A
Samtec, Inc.
TSW-120-23-L-D
13
4
L1, L2, L3, L5
Inductor coil
1008CS
68 nH
2%
Coilcraft, Inc.
1008CS-680XGLB
14
2
L4, L6
Inductor coil
1008CS
82 nH
2%
Coilcraft, Inc.
1008CS-820XGLB
15
2
R1, R5
RES_SM
1206
49.9 Ω,
¼ W
1%
Panasonic-ECG
ERJ-8ENF49R9V
16
2
R2, R20
RES_SM
1206
3.92 kΩ,
¼ W
1%
Panasonic-ECG
ERJ-8ENF3921V
17
2
R3, R7
RES_SM
1206
24.9 Ω,
¼ W
1%
Panasonic-ECG
ERJ-8ENF24R9
18
1
R4
RES_SM
1206
1.3 kΩ,
¼ W
1%
Panasonic-ECG
ERJ-8ENF1301V
19
4
R6, R11,
R12, R13
RES_SM
1206
49.9 Ω,
¼ W
1%
Panasonic-ECG
ERJ-8ENF49R9V
20
1
R8
RES_SM
1206
2 kΩ,
¼ W
1%
Panasonic-ECG
ERJ-8ENF2001V
21
2
R9, R10
RES_SM
1206
100 Ω,
¼ W
1%
Panasonic-ECG
ERJ-8ENF1000V
22
4
R15, R16,
R17, R18
RES_SM
1206
10 kΩ,
¼ W
1%
Panasonic-ECG
ERJ-8ENF1002V
23
1
RP1
Resistor network
SIP-10P
10 kΩ
2%
Bourns
4610X-101-103LF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com