Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852AST Datasheet(PDF) 13 Page - Analog Devices

Part # AD9852AST
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852AST Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9852AST Datasheet HTML 9Page - Analog Devices AD9852AST Datasheet HTML 10Page - Analog Devices AD9852AST Datasheet HTML 11Page - Analog Devices AD9852AST Datasheet HTML 12Page - Analog Devices AD9852AST Datasheet HTML 13Page - Analog Devices AD9852AST Datasheet HTML 14Page - Analog Devices AD9852AST Datasheet HTML 15Page - Analog Devices AD9852AST Datasheet HTML 16Page - Analog Devices AD9852AST Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
AD9852
Rev. E | Page 13 of 52
Figure 10 to Figure 15 show the trade-off in elevated noise floor, increased phase noise (PN), and discrete spurious energy when the
internal REFCLK multiplier circuit is engaged. Plots with wide (1 MHz) and narrow (50 kHz) spans are shown. Compare the noise floor of
Figure 11 and Figure 12 with that of Figure 14 and Figure 15. The improvement seen in Figure 11 and Figure 12 is a direct result of sampling
the fundamental at a higher rate. Sampling at a higher rate spreads the quantization noise of the DAC over a wider bandwidth, which
effectively lowers the noise floor.
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100kHz/
SPAN 1MHz
Figure 10. Narrow-Band SFDR, 39.1 MHz, 1 MHz BW,
300 MHz REFCLK with REFCLK Multiplier Bypassed
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5kHz/
SPAN 50kHz
Figure 11. Narrow-Band SFDR, 39.1 MHz, 50 kHz BW,
300 MHz REFCLK with REFCLK Multiplier Bypassed
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5kHz/
SPAN 50kHz
Figure 12. Narrow-Band SFDR, 39.1 MHz, 50 kHz BW,
100 MHz REFCLK with REFCLK Multiplier Bypassed
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100kHz/
SPAN 1MHz
Figure 13. Narrow-Band SFDR, 39.1 MHz, 1 MHz BW,
30 MHz REFCLK with REFCLK Multiplier = 10×
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5kHz/
SPAN 50kHz
Figure 14. Narrow-Band SFDR, 39.1 MHz, 50 kHz BW,
30 MHz REFCLK with REFCLK Multiplier = 10×
0
CENTER 39.1MHz
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5kHz/
SPAN 50kHz
Figure 15. Narrow-Band SFDR, 39.1 MHz, 50 kHz BW,
10 MHz REFCLK with REFCLK Multiplier = 10×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com