Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9852AST Datasheet(PDF) 22 Page - Analog Devices

Part # AD9852AST
Description  CMOS 300 MSPS Complete DDS
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9852AST Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9852AST Datasheet HTML 18Page - Analog Devices AD9852AST Datasheet HTML 19Page - Analog Devices AD9852AST Datasheet HTML 20Page - Analog Devices AD9852AST Datasheet HTML 21Page - Analog Devices AD9852AST Datasheet HTML 22Page - Analog Devices AD9852AST Datasheet HTML 23Page - Analog Devices AD9852AST Datasheet HTML 24Page - Analog Devices AD9852AST Datasheet HTML 25Page - Analog Devices AD9852AST Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
AD9852
Rev. E | Page 22 of 52
Additional flexibility in the ramped FSK mode is provided by
the AD9852’s ability to respond to changes in the 48-bit delta
frequency word and/or the 20-bit ramp rate counter at any time
during the ramping from F1 to F2 or vice versa. To create these
nonlinear frequency changes, it is necessary to combine several
linear ramps with different slopes in a piecewise fashion. This is
done by programming and executing a linear ramp at a rate or
slope and then altering the slope (by changing the ramp rate
clock or delta frequency word, or both). Changes in slope can
be made as often as needed before the destination frequency has
been reached to form the desired nonlinear frequency sweep
response. These piecewise changes can be precisely timed using
the 32-bit internal update clock (see the Internal and External
Update Clock section).
Nonlinear ramped FSK has the appearance of the chirp function
shown in Figure 41. The major difference between a ramped
FSK function and a chirp function is that FSK is limited to
operation between F1 and F2, whereas chirp operation has no
F2 limit frequency.
Two additional control bits (CLR ACC1 and CLR ACC2) are
available in the ramped FSK mode that allow more options. Setting
CLR ACC1 (Register Address 1F hex) high clears the 48-bit
frequency accumulator (ACC1) output with a retriggerable
one-shot pulse of one system clock duration. If the CLR ACC1
bit is left high, a one-shot pulse is delivered on the rising edge of
every update clock. The effect is to interrupt the current ramp,
reset the frequency to the start point (F1 or F2), and then
continue to ramp up (or down) at the previous rate. This occurs
even when a static F1 or F2 destination frequency has been
achieved.
Alternatively, the CLR ACC2 control bit (Register Address 1F hex)
can be used to clear both the frequency accumulator (ACC1)
and the phase accumulator (ACC2). When this bit is set high,
the output of the phase accumulator results in 0 Hz output from
the DDS. As long as this bit is set high, the frequency and phase
accumulators are cleared, resulting in 0 Hz output. To return to
previous DDS operation, CLR ACC2 must be set to logic low.
CHIRP (MODE 011)
Chirp mode is also known as pulsed FM. Most chirp systems
use a linear FM sweep pattern, but the AD9852 can also support
nonlinear patterns. In radar applications, use of chirp or pulsed
FM allows operators to significantly reduce the output power
needed to achieve the same result a single frequency radar
system produces. Figure 41 represents a very low resolution
nonlinear chirp that demonstrates the different slopes created
by varying the time steps (ramp rate) and frequency steps (delta
frequency word).
The AD9852 permits precise, internally generated linear,
or externally programmed nonlinear, pulsed or continuous
FM over the complete frequency range, duration, frequency
resolution, and sweep direction(s). All of these options are user
programmable. A block diagram of the FM chirp components
is shown in Figure 40.
F1
F2
0
FREQUENCY
MODE
TW1
TW2
FSK DATA
F1
F2
000 (DEFAULT)
0
0
010 (RAMPED FSK)
I/O UD CLK
Figure 39. Effect of Premature Ramped FSK Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com