Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG749BKSZ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG749BKSZ-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG749BKSZ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG749BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 9Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 10Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 11Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADG749
Data Sheet
Rev. C | Page 8 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
6.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
2.0
1.5
1.0
0.5
0
0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VD OR VS, DRAIN OR SOURCE VOLTAGE (V)
VDD = 2.7V
VDD = 3.0V
VDD = 5.0V
VDD = 4.5V
TA = 25°C
Figure 3. On Resistance vs. VD (VS) Single Supplies
6.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
2.0
1.5
1.0
0.5
0
0
3.0
2.5
2.0
1.5
1.0
0.5
VD OR VS, DRAIN OR SOURCE VOLTAGE (V)
VDD = 3V
–40°C
+25°C
+85°C
Figure 4. On Resistance vs. VD (VS) for Different Temperature, VDD = 3 V
6.0
3.0
3.5
4.0
4.5
5.0
5.5
2.5
2.0
1.5
1.0
0.5
0
0
5.0
3.0
3.5
4.0
4.5
2.5
2.0
1.5
1.0
0.5
VD OR VS, DRAIN OR SOURCE VOLTAGE (V)
VDD = 5V
–40°C
+25°C
+85°C
Figure 5. On Resistance vs. VD (VS) for Different Temperatures, VDD = 5 V
0.15
0.10
0.05
0
–0.05
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
VDD = 5V
VD = 4.5V/1V
VS = 1V, 4.5V
ID, IS (ON)
IS (OFF)
Figure 6. Leakage Currents vs. Temperature
0.15
0.10
0.05
0
–0.05
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (°C)
VDD = 3V
VD = 3V/1V
VS = 1V, 3V
ID, IS (ON)
IS (OFF)
Figure 7. Leakage Currents vs. Temperature
10m
1m
100µ
10µ
1µ
100n
10n
1n
1
10
100
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = 5V
Figure 8. Supply Current vs. Input Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com