Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG749BKSZ-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG749BKSZ-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG749BKSZ-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG749BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 9Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 10Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 11Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG749
Data Sheet
Rev. C | Page 10 of 12
TEST CIRCUITS
SD
VS
RON = V1/IDS
V1
IDS
Figure 13. On Resistance
SD
VD
VS
ID (OFF)
A
IS (OFF)
A
Figure 14. Off Leakage
SD
VD
VS
ID (ON)
A
Figure 15. On Leakage
0.1µF
VS
IN
SD
GND
VDD
VOUT
RL
300Ω
CL
35pF
VDD
VOUT
tON
tOFF
VIN
90%
90%
50%
50%
Figure 16. Switching Times
GND
IN
VIN
S2
S1
VS2
VS1
D2
VOUT
RL2
300Ω
CL2
35pF
0.1µF
VDD
VDD
VOUT
tD
tD
VIN
50%
50%
50%
50%
0V
0V
Figure 17. Break-Before-Make Time Delay, tD
50Ω
50Ω
VS
RL
50Ω
S
IN
VIN
GND
VDD
VDD
D
0.1µF
VOUT
NETWORK
ANALYZER
OFF ISOLATION = 20 log
VOUT
VS
Figure 18. Off Isolation
RL
50Ω
D
S1
S2
IN
GND
CHANNEL-TO-CHANNEL
VDD
VDD
0.1µF
R
50Ω
VOUT
NETWORK
ANALYZER
CROSSTALK = 20 log
VOUT
VS
VS
50Ω
Figure 19. Channel-to-Channel Crosstalk
50Ω
VS
RL
50Ω
S
IN
VIN
GND
VDD
VDD
D
0.1µF
VOUT
NETWORK
ANALYZER
INSERTION LOSS = 20 log
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
Figure 20. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com