Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG749BKSZ-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG749BKSZ-R2
Description  CMOS 1.8 V to 5.5 V, 2.5 ohm 2:1 Mux/SPDT Switch in SC70 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG749BKSZ-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADG749BKSZ-R2 Datasheet HTML 1Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 2Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 3Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADG749BKSZ-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS 1.8 V to 5.5 V, 2.5 Ω
2:1 Mux/SPDT Switch in SC70 Package
Data Sheet
ADG749
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2011 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
5 Ω (maximum) on resistance
0.75 Ω (typical) on resistance flatness
Automotive temperature range: −40°C to +125°C
–3 dB bandwidth > 200 MHz
Rail-to-rail operation
6-lead SC70 package
Fast switching times
tON = 12 ns
tOFF = 6 ns
Typical power consumption (< 0.01 μW)
TTL/CMOS compatible
APPLICATIONS
Battery-powered systems
Communication systems
Sample-and-hold systems
Audio signal routing
Video switching
Mechanical reed relay replacement
FUNCTIONAL BLOCK DIAGRAM
SWITCH SHOWN FOR
A LOGIC 1 INPUT
ADG749
S2
S1
IN
D
Figure 1.
GENERAL DESCRIPTION
The ADG749 is a monolithic CMOS SPDT switch. This switch
is designed on a submicron process that provides low power
dissipation yet gives high switching speed, low on resistance,
and low leakage currents.
The ADG749 can operate from a single-supply range of 1.8 V to
5.5 V, making it ideal for use in battery-powered instruments
and with the new generation of DACs and ADCs from Analog
Devices, Inc.
Each switch of the ADG749 conducts equally well in both
directions when on. The ADG749 exhibits break-before-make
switching action.
Because of the advanced submicron process, −3 dB bandwidths
of greater than 200 MHz can be achieved.
The ADG749 is available in a 6-lead SC70 package.
PRODUCT HIGHLIGHTS
1.
1.8 V to 5.5 V Single-Supply Operation. The ADG749
offers high performance, including low on resistance and
fast switching times, and is fully specified and guaranteed
with 3 V and 5 V supply rails.
2.
Very Low RON (5 Ω Maximum at 5 V and 10 Ω Maximum
at 3 V). At 1.8 V operation, RON is typically 40 Ω over the
temperature range.
3.
Automotive Temperature Range: −40°C to +125°C.
4.
On Resistance Flatness (RFLAT(ON)) (0.75 Ω typical).
5.
−3 dB Bandwidth > 200 MHz.
6.
Low Power Dissipation. CMOS construction ensures low
power dissipation.
7.
Fast tON/tOFF.
8.
Tiny, 6-lead SC70 Package.


Similar Part No. - ADG749BKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG749BKS AD-ADG749BKS Datasheet
126Kb / 8P
CMOS Low Voltage 2.5ohm SPDT Switch In SC70 Package
REV.0
More results

Similar Description - ADG749BKSZ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG779 AD-ADG779 Datasheet
385Kb / 8P
CMOS 1.8 V to 5.5 V, 2.5 ohm SPDT Switch/2:1 Mux In Tiny SC70 Package
REV.0
ADG819 AD-ADG819 Datasheet
195Kb / 12P
0.5 OHM CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV.0
ADG859 AD-ADG859 Datasheet
278Kb / 16P
1.3ohm CMOS, 1.8 V to 5.5 V Single SPDT Switch/2:1 MUX in SOT-66 Package
6/05-Revision 0
ADG719-EP AD-ADG719-EP Datasheet
271Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. 0
ADG779 AD-ADG779_05 Datasheet
285Kb / 12P
CMOS 1.8 V to 5.5 V, 2.5 廓 SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
ADG719 AD-ADG719_10 Datasheet
232Kb / 16P
CMOS 1.8 V to 5.5 V, 2.5 廓 2:1 Mux/SPDT Switch in SOT-23
REV. D
ADG819BRTZ-REEL7 AD-ADG819BRTZ-REEL7 Datasheet
283Kb / 12P
0.5 n CMOS 1.8 V to 5.5 V 2:1 Mux/SPDT Switches
REV. 0
ADG849YKSZ-500RL7 AD-ADG849YKSZ-500RL7 Datasheet
348Kb / 12P
3 V/5 V CMOS 0.5 ohm SPDT/2:1 Mux in SC70
REV. 0
ADG749 AD-ADG749_15 Datasheet
299Kb / 12P
2:1 Mux/SPDT Switch in SC70 Package
REV. C
ADG779 AD-ADG779_15 Datasheet
285Kb / 12P
SPDT Switch/2:1 Mux in Tiny SC70 Package
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com