Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG904BRUZ-R Datasheet(PDF) 6 Page - Analog Devices

Part # ADG904BRUZ-R
Description  Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904BRUZ-R Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG904BRUZ-R Datasheet HTML 2Page - Analog Devices ADG904BRUZ-R Datasheet HTML 3Page - Analog Devices ADG904BRUZ-R Datasheet HTML 4Page - Analog Devices ADG904BRUZ-R Datasheet HTML 5Page - Analog Devices ADG904BRUZ-R Datasheet HTML 6Page - Analog Devices ADG904BRUZ-R Datasheet HTML 7Page - Analog Devices ADG904BRUZ-R Datasheet HTML 8Page - Analog Devices ADG904BRUZ-R Datasheet HTML 9Page - Analog Devices ADG904BRUZ-R Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Data Sheet
ADG904/ADG904-R
Rev. C | Page 5 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
20
19
18
17
16
15
14
13
VDD
GND
RF1
GND
GND
RF3
GND
A0
A1
GND
RF2
GND
GND
RF4
GND
ADG904
ADG904-R
TOP VIEW
(Not to Scale)
EN
9
10
12
11
GND
RFC
GND
GND
14
13
12
1
3
4
RF2
15 GND
GND
GND
11 RF4
GND
GND
2
RF1
GND
5
RF3
NOTES
1. THE EXPOSED PAD IS TIED
TO SUBSTRATE, VSS.
ADG904/ADG904-R
TOP VIEW
(Not to Scale)
Figure 5. 20-Lead TSSOP (RU-20)
Figure 6. 20-Lead 4 mm × 4mm LFCSP (CP-20-6)
Table 4. Pin Function Descriptions
Pin No.
20-Lead TSSOP
20-Lead LFCSP
Mnemonic
Function
1
18
EN
Active Low Digital Input. When high, the device is disabled and all switches
are off. When low, Ax logic inputs determine On switches.
2
19
VDD
Power Supply Input. These parts can be operated from 1.65 V to 2.75 V.
VDD should be decoupled to GND.
3, 5, 6, 8, 9, 11, 12,
13, 15, 16, 18
1, 3, 4, 6, 7, 9, 10,
12, 13, 15, 20
GND
Ground Reference Point for All Circuitry on the Part.
4
2
RF1
RF1 Port.
7
5
RF3
RF3 Port.
10
8
RFC
Common RF Port for Switch.
14
11
RF4
RF4 Port.
17
14
RF2
RF2 Port.
19
16
A1
Logic Control Input.
20
17
A0
Logic Control Input.
N/A
21
EPAD
Exposed Pad. The exposed pad is tied to substrate, VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com