Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG904BRUZ-R Datasheet(PDF) 7 Page - Analog Devices

Part # ADG904BRUZ-R
Description  Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904BRUZ-R Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG904BRUZ-R Datasheet HTML 3Page - Analog Devices ADG904BRUZ-R Datasheet HTML 4Page - Analog Devices ADG904BRUZ-R Datasheet HTML 5Page - Analog Devices ADG904BRUZ-R Datasheet HTML 6Page - Analog Devices ADG904BRUZ-R Datasheet HTML 7Page - Analog Devices ADG904BRUZ-R Datasheet HTML 8Page - Analog Devices ADG904BRUZ-R Datasheet HTML 9Page - Analog Devices ADG904BRUZ-R Datasheet HTML 10Page - Analog Devices ADG904BRUZ-R Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADG904/ADG904-R
Data Sheet
Rev. C | Page 6 of 16
TERMINOLOGY
Table 5.
Parameter
Description
VDD
Most Positive Power Supply Potential.
IDD
Positive Supply Current.
GND
Ground (0 V) Reference.
Ax
Logic Control Input.
VINL
Maximum Input Voltage for Logic 0.
VINH
Minimum Input Voltage for Logic 1.
IINL (IINH)
Input Current of the Digital Input.
CIN
Digital Input Capacitance.
tON (
EN)
Delay between Applying the EN Control Input and the Output Switching On.
tOFF (
EN)
Delay between Applying the EN Control Input and the Output Switching Off.
tRISE
Rise Time. Time for the RF signal to rise from 10% of the on level to 90% of the on level.
tFALL
Fall Time. Time for the RF signal to fall from 90% of the on level to 10% of the on level.
tTRANS
Transition Time. Delay between applying the digital control input and the output switching on.
Off Isolation
The Attenuation between Input and Output Ports of the Switch when the Switch Control Voltage is in the Off Condition.
Insertion Loss
The Attenuation between Input and Output Ports of the Switch when the Switch Control Voltage is in the On Condition.
Crosstalk
Measure of Unwanted Signal Coupled through from One Channel to Another as a Result of Parasitic Capacitance.
P–1 dB
1 dB Compression Point. The RF input power level at which the switch insertion loss increases by 1 dB over its low level
value. P–1 dB is a measure of how much power the on switch can handle before the insertion loss increases by 1 dB.
IP3
Third-Order Intermodulation Intercept. This is a measure of the power in false tones that occur when closely spaced
tones are passed through a switch, and the nonlinearity of the switch causes these false tones to be generated.
Return Loss
The Amount of Reflected Power Relative to the Incident Power at a Port. Large return loss indicates good matching. By
measuring return loss, the voltage standing wave ratio (VSWR) can be calculated from conversion charts. VSWR indicates
the degree of matching present at a switch RF port.
Video
Feedthrough
Spurious Signals Present at the RF Ports of the Switch when the Control Voltage Is Switched from High to Low or Low to
High without an RF Signal Present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com