Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG904BRUZ-R Datasheet(PDF) 13 Page - Analog Devices

Part # ADG904BRUZ-R
Description  Wideband 2.5 GHz, 37 dB Isolation at 1 GHz, CMOS 1.65V to 2.75V, 4:1 Mux/SP4T
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG904BRUZ-R Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG904BRUZ-R Datasheet HTML 9Page - Analog Devices ADG904BRUZ-R Datasheet HTML 10Page - Analog Devices ADG904BRUZ-R Datasheet HTML 11Page - Analog Devices ADG904BRUZ-R Datasheet HTML 12Page - Analog Devices ADG904BRUZ-R Datasheet HTML 13Page - Analog Devices ADG904BRUZ-R Datasheet HTML 14Page - Analog Devices ADG904BRUZ-R Datasheet HTML 15Page - Analog Devices ADG904BRUZ-R Datasheet HTML 16Page - Analog Devices ADG904BRUZ-R Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ADG904/ADG904-R
Data Sheet
Rev. C | Page 12 of 16
EVALUATION BOARD
The ADG904/ADG904-R evaluation board allows designers
to evaluate the high performance, wideband switches with
minimal effort.
Only a power supply and a network analyzer, along with the
evaluation board, are required to demonstrate that these devices
meet user requirements. An application note, available with the
evaluation board, provides complete operating information.
The RFC port (see Figure 30) is connected through a 50 Ω
transmission line to the bottom left SMA connector, J4. RF1,
RF2, RF3, and RF4 are connected through 50 Ω transmission
lines to SMA connectors J5, J6, J7, and J8, respectively. A through
transmission line connects J9 and J10; this transmission line
is used to estimate the loss of the PCB over the environmental
conditions being evaluated.
The board is constructed of four-layer, FR4 material with a
dielectric constant of 4.3 and an overall thickness of 0.062 inches.
Two ground layers with grounded planes provide ground for
the RF transmission lines. The transmission lines were designed
using a coplanar waveguide with a ground plane model using
a trace width of 0.024 inches, clearance to ground plane of
0.008 inches, dielectric thickness of 0.02 inches, and a metal
thickness of 0.0021 inches.
Figure 30. ADG904/ADG904-R Evaluation Board Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com