Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8321VRADDC Datasheet(PDF) 62 Page - Freescale Semiconductor, Inc

Part # MPC8321VRADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8321VRADDC Datasheet(HTML) 62 Page - Freescale Semiconductor, Inc

Back Button MPC8321VRADDC Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 66Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
62
Freescale Semiconductor
Package and Pin Listings
GPIO_PD10/GTM1_TIN2/GTM2_TIN1/CLK17
J24
IO
OVDD
—
GPIO_PD11/GTM1_TGATE2/GTM2_TGATE1
B25
IO
OVDD
—
GPIO_PD12/GTM1_TOUT2/GTM2_TOUT1
C4
IO
OVDD
—
GPIO_PD13/GTM1_TIN3/GTM2_TIN4/BRGO8
D4
IO
OVDD
—
GPIO_PD14/GTM1_TGATE3/GTM2_TGATE4
D5
IO
OVDD
—
GPIO_PD15/GTM1_TOUT3
A5
IO
OVDD
—
GPIO_PD16/GTM1_TIN4/GTM2_TIN3
B5
IO
OVDD
—
GPIO_PD17/GTM1_TGATE4/GTM2_TGATE3
C5
IO
OVDD
—
GPIO_PD18/GTM1_TOUT4/GTM2_TOUT3
A6
IO
OVDD
—
GPIO_PD19/CE_RISC1_INT/CE_EXT_REQ4
B6
IO
OVDD
—
GPIO_PD20/CLK18/BRGO6
D21
IO
OVDD
—
GPIO_PD21/CLK16/BRGO5/UPC1_CLKO
C19
IO
OVDD
—
GPIO_PD22/CLK4/BRGO9/UCC2_CLKO
A7
IO
OVDD
—
GPIO_PD23/CLK3/BRGO10/UCC3_CLKO
B7
IO
OVDD
—
GPIO_PD24/CLK10/BRGO2/UCC4_CLKO
A12
IO
OVDD
—
GPIO_PD25/CLK13/BRGO16/UCC5_CLKO
B10
IO
OVDD
—
GPIO_PD26/CLK2/BRGO4/UCC1_CLKO
E4
IO
OVDD
—
GPIO_PD27/CLK1/BRGO3
F4
IO
OVDD
—
GPIO_PD28/CLK19/BRGO11
D15
IO
OVDD
—
GPIO_PD29/CLK15/BRGO8
C6
IO
OVDD
—
GPIO_PD30/CLK14
D6
IO
OVDD
—
GPIO_PD31/CLK7/BRGO15
E24
IO
OVDD
—
Power and Ground Supplies
GVDD
AA8, AA10, AA11, AA13,
AA14, AA16, AA17, AA19,
AA21, AB9, AB10, AB11,
AB12, AB14, AB18, AB20,
AB21, AC6, AC8, AC14, AC18
GVDD
——
OVDD
E5, E6, E8, E9, E10, E12, E14,
E15, E16, E18, E19, E20, E22,
F5, F6, F8, F10, F14, F16, F19,
F22, G22, H5, H6, H21, J5,
J22, K21, K22, L5, L6, L22, M5,
M22, N5, N21, N22, P6, P22,
P23, R5, R23, T5, T21, T22,
U6, U22, V5, V22, W22, Y5,
AB5, AB6, AC5
OVDD
——
Table 55. MPC8323E PBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com