Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8321VRADDC Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC8321VRADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8321VRADDC Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC8321VRADDC Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Freescale Semiconductor
Technical Data
© 2010 Freescale Semiconductor, Inc. All rights reserved.
This document provides an overview of the MPC8323E
PowerQUICC II Pro processor features. The MPC8323E is a
cost-effective, highly integrated communications processor
that addresses the requirements of several networking
applications, including ADSL SOHO and residential
gateways, modem/routers, industrial control, and test and
measurement applications. The MPC8323E extends current
PowerQUICC offerings, adding higher CPU performance,
additional functionality, and faster interfaces, while
addressing the requirements related to time-to-market, price,
power consumption, and board real estate. This document
describes the MPC8323E, and unless otherwise noted, the
information also applies to the MPC8323, MPC8321E, and
MPC8321.
To locate published errata or updates for this document, refer
to the MPC8323E product summary page on our website
listed on the back cover of this document or contact your
local Freescale sales office.
Document Number: MPC8323EEC
Rev. 4, 09/2010
Contents
1. Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
2. Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . 6
3. Power Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 9
4. Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 10
5. RESET Initialization . . . . . . . . . . . . . . . . . . . . . . . . . 11
6. DDR1 and DDR2 SDRAM . . . . . . . . . . . . . . . . . . . . 13
7. DUART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
8. Ethernet and MII Management . . . . . . . . . . . . . . . . . 19
9. Local Bus . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
10. JTAG . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
11. I2C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
12. PCI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
13. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
14. GPIO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
15. IPIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
16. SPI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
17. TDM/SI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
18. UTOPIA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
19. HDLC, BISYNC, Transparent, and Synchronous
UART . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45
20. USB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
21. Package and Pin Listings . . . . . . . . . . . . . . . . . . . . . 49
22. Clocking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
23. Thermal . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
24. System Design Information . . . . . . . . . . . . . . . . . . . 76
25. Ordering Information . . . . . . . . . . . . . . . . . . . . . . . . 79
26. Document Revision History . . . . . . . . . . . . . . . . . . . 80
MPC8323E
PowerQUICC II Pro Integrated
Communications Processor
Family Hardware Specifications


Similar Part No. - MPC8321VRADDC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8321CZQADDC FREESCALE-MPC8321CZQADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor
MPC8321CZQAFDC FREESCALE-MPC8321CZQAFDC Datasheet
1Mb / 82P
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321ZQADDC FREESCALE-MPC8321ZQADDC Datasheet
1Mb / 82P
Single platform architecture supports the convergence of IP packet networks and ATM networks.
More results

Similar Description - MPC8321VRADDC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8323E FREESCALE-MPC8323E Datasheet
1Mb / 80P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8260A FREESCALE-MPC8260A Datasheet
889Kb / 52P
PowerQUICC??II Integrated Communications Processor Hardware Specifications
MPC8323E FREESCALE-MPC8323E_10 Datasheet
1Mb / 82P
PowerQUICC??II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306EC FREESCALE-MPC8306EC Datasheet
480Kb / 76P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8309EC FREESCALE-MPC8309EC Datasheet
471Kb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321CZQAFDC FREESCALE-MPC8321CZQAFDC Datasheet
1Mb / 82P
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8321EVRADDC FREESCALE-MPC8321EVRADDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
MPC8306SEC FREESCALE-MPC8306SEC Datasheet
453Kb / 70P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
XPC8260ZUIFBC FREESCALE-XPC8260ZUIFBC Datasheet
847Kb / 50P
PowerQUICC II Integrated Communications Processor Hardware Specifications
MPC8321EVRAFDC FREESCALE-MPC8321EVRAFDC Datasheet
1Mb / 82P
PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com