Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8321VRADDC Datasheet(PDF) 80 Page - Freescale Semiconductor, Inc

Part # MPC8321VRADDC
Description  PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8321VRADDC Datasheet(HTML) 80 Page - Freescale Semiconductor, Inc

Back Button MPC8321VRADDC Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC8321VRADDC Datasheet HTML 82Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 80 / 82 page
background image
MPC8323E PowerQUICC II Pro Integrated Communications Processor Family Hardware Specifications, Rev. 4
80
Freescale Semiconductor
Document Revision History
25.2
Part Marking
Parts are marked as in the example shown in Figure 46.
Figure 46. Freescale Part Marking for PBGA Devices
26 Document Revision History
Table 67 provides a revision history for this hardware specification.
Table 67. Document Revision History
Rev.
No.
Date
Substantive Change(s)
4
09/2010
• Replaced all instances of “LCCR” with “LCRR” throughout.
• Added footnotes 3 and 4 in Table 2, “Recommended Operating Conditions3.”
• Modified Section 8.1.1, “DC Electrical Characteristics.”
• Modified Table 23, “MII Transmit AC Timing Specifications.”
• Modified Table 24, “MII Receive AC Timing Specifications.”
• Added footnote 7 and 8, and modified some signal names in Table 55, ”MPC8323E PBGA Pinout
Listing.”
3
12/2009
• Removed references for note 4 from Table 1.
• Added Figure 2 in Section 2.1.2, “Power Supply Voltage Specification.
• Added symbol TA in Table 2.
• Added footnote 2 in Table 2.
• Added a note in Section 4, “Clock Input Timing for rise/fall time of QE input pins.
• Modified CLKIN, PCI_CLK rise/fall time parameters in Table 8. Modified min value of tMCK in Table 19.
• Modified Figure 43.
• Modified formula for ce_clk calculation in Section 22.3, “System Clock Domains.
• Added a note in Section 22.4, “System PLL Configuration.
• Removed the signal ECID_TMODE_IN from Table 55.
• Removed all references of RST signals from Table 55.
MPCnnnnetppaaar
core/platform MHZ
ATWLYYWW
CCCCC
PBGA
*MMMMM
YWWLAZ
Notes:
ATWLYYWW is the traceability code.
CCCCC is the country code.
MMMMM is the mask number.
YWWLAZ is the assembly traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com